Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4541 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4541
Description  Programmable Timer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4541 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4541 Datasheet HTML 1Page - National Semiconductor (TI) CD4541 Datasheet HTML 2Page - National Semiconductor (TI) CD4541 Datasheet HTML 3Page - National Semiconductor (TI) CD4541 Datasheet HTML 4Page - National Semiconductor (TI) CD4541 Datasheet HTML 5Page - National Semiconductor (TI) CD4541 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6001
February 1988
CD4541BMCD4541BC Programmable Timer
General Description
The CD4541B Programmable Timer is designed with a
16-stage binary counter an integrated oscillator for use with
an external capacitor and two resistors output control logic
and a special power-on reset circuit The special features of
the power-on reset circuit are first no additional static pow-
er consumption and second the part functions across the
full voltage range (3V – 15V) whether power-on reset is en-
abled or disabled
Timing and the counter are initialized by turning on power if
the power-on reset is enabled When the power is already
on an external reset pulse will also initialize the timing and
counter After either reset is accomplished the oscillator
frequency is determined by the external RC network The
16-stage counter divides the oscillator frequency by any of 4
digitally controlled division ratios
Features
Y
Available division ratios 28 210 213 or216
Y
Increments on positive edge clock transitions
Y
Built-in low power RC oscillator (g2% accuracy over
temperature range and g10% supply and g3% over
processing
k
10 kHz)
Y
Oscillator frequency range
DC to 100 kHz
Y
Oscillator may be bypassed if external clock is available
(apply external clock to pin 3)
Y
Automatic reset initializes all counters when power
turns on
Y
External master reset totally independent of automatic
reset operation
Y
Operates at 2n frequency divider or single transition
timer
Y
QQ select provides output logic level flexibility
Y
Reset (auto or master) disables oscillator during reset-
ting to provide no active power dissipation
Y
Clock conditioning circuit permits operation with very
slow clock rise and fall times
Y
Wide supply voltage range30V to 15V
Y
High noise immunity045 VDD (typ)
Y
5V – 10V – 15V parameter ratings
Y
Symmetrical output characteristics
Y
Maximum input leakage 1 mA at 15V over full tempera-
ture range
Y
High output drive (pin 8) min one TTL load
Logic Diagram
VDD e Pin 14
VSS e Pin 7
TLF6001 – 1
Connection Diagram
Dual-In-Line Package
Order Number CD4541B
NCNot connected
TLF6001 – 2
Top View
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4541 TI-CD4541 Datasheet
93Kb / 9P
CMOS PROGRAMMABLE TIMER HIGH VOLTAGE TYPES(20V RATING)
logo
Fairchild Semiconductor
CD4541 FAIRCHILD-CD4541 Datasheet
77Kb / 8P
Programmable Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
PROGRAMMABLE TIMER CMOS IC
CD4541 UTC-CD4541 Datasheet
262Kb / 7P
PROGRAMMABLE TIMER
logo
SYC Electronica
CD4541 SYC-CD4541 Datasheet
117Kb / 8P
Programmable Timer
More results

Similar Description - CD4541

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
PROGRAMMABLE TIMER
Nov-1996
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
Programmable Timer
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
Programmable Timer
April, 2006 ??Rev. 9
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
PROGRAMMABLE TIMER
logo
SELEC Controls Pvt. Ltd
XT520 SELEC-XT520 Datasheet
134Kb / 2P
PROGRAMMABLE TIMER
XT532 SELEC-XT532 Datasheet
135Kb / 2P
PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com