Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40174BC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD40174BC
Description  Hex D Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD40174BC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD40174BC Datasheet HTML 1Page - National Semiconductor (TI) CD40174BC Datasheet HTML 2Page - National Semiconductor (TI) CD40174BC Datasheet HTML 3Page - National Semiconductor (TI) CD40174BC Datasheet HTML 4Page - National Semiconductor (TI) CD40174BC Datasheet HTML 5Page - National Semiconductor (TI) CD40174BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200k and tr e tf e 20 ns unless otherwise specified (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tWL
Minimum Clear Pulse Width
VDD e 5V
120
250
ns
VDD e 10V
45
100
ns
VDD e 15V
40
80
ns
tRCL
Maximum Clock Rise Time
VDD e 5V
15
m
s
VDD e 10V
50
m
s
VDD e 15V
50
m
s
tfCL
Maximum Clock Fall Time
VDD e 5V
15
50
m
s
VDD e 10V
50
50
m
s
VDD e 15V
50
50
m
s
fCL
Maximum Clock Frequency
VDD e 5V
20
35
MHz
VDD e 10V
50
10
MHz
VDD e 15V
60
12
MHz
CIN
Input Capacitance
Clear Input
10
15
pF
Other Input
50
75
pF
CPD
Power Dissipation
Per Package (Note 4)
130
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the
devices should be operated at these limits The tables of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual
device operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
Note 4
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics application
note AN-90
Switching Time Waveforms
TLF5987 – 3
tr e tf e 20 ns
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com