Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40174BC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD40174BC
Description  Hex D Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD40174BC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD40174BC Datasheet HTML 1Page - National Semiconductor (TI) CD40174BC Datasheet HTML 2Page - National Semiconductor (TI) CD40174BC Datasheet HTML 3Page - National Semiconductor (TI) CD40174BC Datasheet HTML 4Page - National Semiconductor (TI) CD40174BC Datasheet HTML 5Page - National Semiconductor (TI) CD40174BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5987
February 1988
CD40174BMCD40174BC Hex D Flip-Flop
CD40175BMCD40175BC Quad D Flip-Flop
General Description
The CD40174B consists of six positive-edge triggered
D-type flip-flops the true outputs from each flip-flop are ex-
ternally available The CD40175B consists of four positive-
edge triggered D-type flip-flops both the true and comple-
ment outputs from each flip-flop are externally available
All flip-flops are controlled by a common clock and a com-
mon clear Information at the D inputs meeting the set-up
time requirements is transferred to the Q outputs on the
positive-going edge of the clock pulse The clearing opera-
tion enabled by a negative pulse at Clear input clears all Q
outputs to logical ‘‘0’’ and Qs (CD40175B only) to logical ‘‘1’’
All inputs are protected from static discharge by diode
clamps to VDD and VSS
Features
Y
Wide supply voltage range
3V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
fan out of 2 driving 74L
compatibility
or 1 driving 74 LS
Y
Equivalent to MC14174B MC14175B
Y
Equivalent to MM74C174 MM74C175
Connection Diagrams
CD40174B
Dual-In-Line Package
TLF5987 – 1
Top View
Order Number CD40174B or CD40175B
Truth Table
Inputs
Outputs
Clear
Clock
D
Q
Q
LX
X
L
H
H
u
HH
L
H
u
LL
H
HH
X
NC
NC
HL
X
NC
NC
H
e
High level
L
e
Low level
X
e
Irrelevant
u e Transition from low to high level
NC
e
No change
e
Q for CD40175B only
CD40175B
Dual-In-Line Package
TLF5987 – 2
Top View
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD40174BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD40174BC NSC-CD40174BC Datasheet
135Kb / 6P
Hex,Quad D Flip-Flop
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
logo
National Semiconductor ...
CD40174BCJ NSC-CD40174BCJ Datasheet
135Kb / 6P
Hex,Quad D Flip-Flop
logo
Fairchild Semiconductor
CD40174BCM FAIRCHILD-CD40174BCM Datasheet
58Kb / 7P
Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
logo
National Semiconductor ...
CD40174BCN NSC-CD40174BCN Datasheet
135Kb / 6P
Hex,Quad D Flip-Flop
More results

Similar Description - CD40174BC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS174 MOTOROLA-SN54LS174 Datasheet
75Kb / 3P
HEX D FLIP-FLOP
logo
National Semiconductor ...
MM54C174 NSC-MM54C174 Datasheet
112Kb / 4P
Hex D Flip-Flop
logo
NXP Semiconductors
74ALS174 PHILIPS-74ALS174 Datasheet
97Kb / 8P
Hex D flip-flop
1991 Feb 08
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
Hex D-Type Flip-Flop
logo
Micrel Semiconductor
SY100S351 MICREL-SY100S351 Datasheet
111Kb / 7P
HEX D FLIP-FLOP
logo
National Semiconductor ...
F100151 NSC-F100151 Datasheet
145Kb / 6P
Hex D Flip-Flop
logo
Micrel Semiconductor
SY100S351 MICREL-SY100S351_06 Datasheet
96Kb / 8P
HEX D FLIP-FLOP
SY100S351 MICREL-SY100S351_10 Datasheet
415Kb / 6P
HEX D FLIP-FLOP
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
Hex Type D Flip-Flop
May, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com