Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40175BC Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD40175BC
Description  Hex D Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD40175BC Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD40175BC Datasheet HTML 1Page - National Semiconductor (TI) CD40175BC Datasheet HTML 2Page - National Semiconductor (TI) CD40175BC Datasheet HTML 3Page - National Semiconductor (TI) CD40175BC Datasheet HTML 4Page - National Semiconductor (TI) CD40175BC Datasheet HTML 5Page - National Semiconductor (TI) CD40175BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
DC Supply Voltage (VDD)
b
05V to a18V
Input Voltage (VIN)
b
05V to VDD a05VDC
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Recommended Operating
Conditions (Note 2)
DC Supply Voltage (VDD)
3Vto15VDC
Input Voltage (VIN)
0VtoVDD VDC
Operating Temperature Range (TA)
CD40XXXBM
b
55 Cto a125 C
CD40XXXBC
b
40 Cto a85 C
DC Electrical Characteristics CD40174BMCD40175BM (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD e 5V VIN e VDD or VSS
10
10
30
m
A
VDD e 10V VIN e VDD or VSS
20
20
60
m
A
VDD e 15V VIN e VDD or VSS
40
40
120
m
A
VOL
Low Level Output Voltage
lIOl k 1 mA
VDD e 5V
005
005
005
V
VDD e 10V
005
005
005
V
VDD e 15V
005
005
005
V
VOH
High Level Output Voltage
lIOl k 1 mA
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level Input Voltage
VDD e 5V VO e 05V or 45V
15
15
15
V
VDD e 10V VO e 1V or 9V
30
30
30
V
VDD e 15V VO e 15V or 135V
40
40
40
V
VIH
High Level Input Voltage
VDD e 5V VO e 05V or 45V
35
35
35
V
VDD e 10V VO e 1V or 9V
70
70
70
V
VDD e 15V VO e 15V or 135V
110
110
110
V
IOL
Low Level Output Current
VDD e 5V VO e 04V
064
051
088
036
mA
(Note 3)
VDD e 10V VO e 05V
16
13
225
09
mA
VDD e 15V VO e 15V
42
34
88
24
mA
IOH
High Level Output Current
VDD e 5V VO e 46V
b
064
b
051 b088
b
036
mA
(Note 3)
VDD e 10V VO e 95V
b
16
b
13
b
225
b
09
mA
VDD e 15V VO e 135V
b
42
b
34
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
01
b
10b5 b01
b
10
m
A
VDD e 15V VIN e 15V
01
10b5
01
10
m
A
DC Electrical Characteristics CD40174BCCD40175BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD e 5V VIN e VDD or VSS
44
30
m
A
VDD e 10V VIN e VDD or VSS
88
60
m
A
VDD e 15V VIN e VDD or VSS
16
16
120
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com