Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40175BC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD40175BC
Description  Hex D Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD40175BC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD40175BC Datasheet HTML 1Page - National Semiconductor (TI) CD40175BC Datasheet HTML 2Page - National Semiconductor (TI) CD40175BC Datasheet HTML 3Page - National Semiconductor (TI) CD40175BC Datasheet HTML 4Page - National Semiconductor (TI) CD40175BC Datasheet HTML 5Page - National Semiconductor (TI) CD40175BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics CD40174BCCD40175BC (Note 2) (Continued)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
VOL
Low Level Output Voltage VDD e 5V
005
005
005
V
VDD e 10V
005
005
005
V
VDD e 15V
005
005
005
V
VOH
High Level Output Voltage VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level Input Voltage
VDD e 5V VO e 05V or 45V
15
15
15
V
VDD e 10V VO e 1V or 9V
30
30
30
V
VDD e 15V VO e 15V or 135V
40
40
40
V
VIH
High Level Input Voltage
VDD e 5V VO e 05V or 45V
35
35
35
V
VDD e 10V VO e 1V or 9V
70
70
70
V
VDD e 15V VO e 15V or 135V 110
110
110
V
IOL
Low Level Output Current VDD e 5V VO e 04V
052
044
088
036
mA
(Note 3)
VDD e 10V VO e 05V
13
11
225
09
mA
VDD e 15V VO e 15V
36
30
88
24
mA
IOH
High Level Output Current VDD e 5V VO e 46V
b
052
b
044 b088
b
036
mA
(Note 3)
VDD e 10V VO e 95V
b
13
b
11
b
225
b
09
mA
VDD e 15V VO e 135V
b
36
b
30
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
030
b
10b5 b030
b
10
m
A
VDD e 15V VIN e 15V
030
10b5
030
10
m
A
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200k and tr e tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL tPLH
Propagation Delay Time to a
VDD e 5V
190
300
ns
Logical ‘‘0’’ or Logical ‘‘1’’ from
VDD e 10V
75
110
ns
Clock to Q or Q (CD40175 Only)
VDD e 15V
60
90
ns
tPHL
Propagation Delay Time to a
VDD e 5V
180
300
ns
Logical ‘‘0’’ from Clear to Q
VDD e 10V
70
110
ns
VDD e 15V
60
90
ns
tPLH
Propagation Delay Time to a Logical
VDD e 5V
230
400
ns
‘‘1’’ from Clear to Q (CD40175 Only)
VDD e 10V
90
150
ns
VDD e 15V
75
120
ns
tSU
Time Prior to Clock Pulse that
VDD e 5V
45
100
ns
Data must be Present
VDD e 10V
15
40
ns
VDD e 15V
13
35
ns
tH
Time after Clock Pulse that
VDD e 5V
b
11
0
ns
Data Must be Held
VDD e 10V
b
40
ns
VDD e 15V
b
30
ns
tTHL tTLH
Transition Time
VDD e 5V
100
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
tWH tWL
Minimum Clock Pulse Width
VDD e 5V
130
250
ns
VDD e 10V
45
100
ns
VDD e 15V
40
80
ns
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com