Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5107MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5107MA/NOPB
Description  1.4A Peak Half Bridge Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5107MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5107MA/NOPB Datasheet HTML 3Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 4Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 5Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 6Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 9Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 10Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
8
10
12
14
16
18
0
100
200
300
400
500
600
VDD, VHB (V)
LI = HI = 0V
VDD = VHB
VSS= VHS = 0V
IHB
IDD
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
20
24
28
32
36
40
44
CL = 0 pF
VDD = VHB = 12V
VSS = VHS = 0V
tHPHL
tLPHL
tLPLH
tHPLH
turn off
turn on
1.2
1.4
1.6
1.8
2.0
2.2
2.4
CL = 0 pF
f = 500 kHz
VDD = VHB = 12V
VSS = VHS = 0V
IDDO
IHBO
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
IDDO
IHBO
LI = HI = 0V
VDD = VHB = 12V
VSS = VHS = 0V
1
10
100
1000
FREQUENCY (kHz)
0.01
0.1
1
10
100
VDD = VHB = 12V
VSS = VHS = 0V
CL = 4400 pF
CL = 2200 pF
CL = 1000 pF
CL = 0 pF
CL = 470 pF
1
10
100
1000
FREQUENCY (kHz)
0.1
1
10
100
CL = 4400 pF
CL = 2200 pF
CL = 1000 pF
CL = 0 pF
VDD = VHB = 12V
VSS = VHS = 0V
CL = 470 pF
7
LM5107
www.ti.com
SNVS333E – NOVEMBER 2004 – REVISED MARCH 2016
Product Folder Links: LM5107
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
6.6 Typical Performance Characteristics
Figure 2. VDD Operating Current vs Frequency
Figure 3. HB Operating Current vs Frequency
Figure 4. Operating Current vs Temperature
Figure 5. Quiescent Current vs Temperature
Figure 6. Quiescent Current vs Voltage
Figure 7. Propagation Delay vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com