Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5107MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM5107MA/NOPB
Description  1.4A Peak Half Bridge Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5107MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5107MA/NOPB Datasheet HTML 4Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 5Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 6Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 9Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 10Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 11Page - Texas Instruments LM5107MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7.0
VDDR
VHBR
VDDR = VDD - VSS
VHBR = VHB - VHS
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
VDDH
VHBH
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
1.00E-01
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
FORWARD VOLTAGE
25°C
-40°C
150°C
0
2
4
6
8
10
12
VLO, VHO (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
VDD = VHB = 12V
VSS = VHS = 0V
Pull-up Current
Pull-down Current
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VDD = VHB =16V
VDD = VHB = 12V
VDD = VHB = 8V
Output Current : -100 mA
VSS = VHS = 0V
0.1
0.2
0.3
0.4
0.5
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
VDD = VHB = 12V
VDD = VHB = 8V
Output Current : -100 mA
VSS = VHS = 0V
VDD = VHB =16V
8
LM5107
SNVS333E – NOVEMBER 2004 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LM5107
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Typical Performance Characteristics (continued)
Figure 8. LO and HO High Level Output Voltage vs
Temperature
Figure 9. LO and HO Low Level Output Voltage vs
Temperature
Figure 10. HO and LO Peak Output Current vs Output
Voltage
Figure 11. Doide Forward Voltage
Figure 12. Undervoltage Rising Thresholds vs Temperature
Figure 13. Undervoltage Hysteresis vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com