Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40192 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD40192
Description  Synchronous 4-Bit Up/Down Decade Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD40192 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD40192 Datasheet HTML 1Page - National Semiconductor (TI) CD40192 Datasheet HTML 2Page - National Semiconductor (TI) CD40192 Datasheet HTML 3Page - National Semiconductor (TI) CD40192 Datasheet HTML 4Page - National Semiconductor (TI) CD40192 Datasheet HTML 5Page - National Semiconductor (TI) CD40192 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5988
February 1988
CD40192BMCD40192BC Synchronous
4-Bit UpDown Decade Counter
CD40193BMCD40193BC Synchronous
4-Bit UpDown Binary Counter
General Description
These updown counters are monolithic complementary
MOS (CMOS) integrated circuits The CD40192BM and
CD40192BC are BCD counters while the CD40193BM and
CD40193BC are binary counters
Counting up and counting down is performed by two count
inputs one being held high while the other is clocked The
outputs change on the positive-going transition of this clock
These counters feature preset inputs that are enabled when
load is a logical ‘‘0’’ and a clear which forces all outputs to
‘‘0’’ when it is at logical ‘‘1’’ The counters also have carry
and borrow outputs so that they can be cascaded using no
external circuitry
All inputs are protected against damage due to static dis-
charge by clamps to VDD and VSS
Features
Y
Wide supply voltage range
3V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL compatibility
Fan out of 2
driving 74L
or 1 driving 74LS
Y
Carry and borrow outputs for easy expansion to N-bit
by cascading
Y
Asynchronous clear
Y
Equivalent to
MM54C192MM74C192
and MM54C193MM74C193
Connection Diagram
Dual-In-Line Package
TLF5988 – 1
Top View
Order Number CD40192B or CD40193
Cascading Packages
TLF5988 – 2
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD40192

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD40192 FAIRCHILD-CD40192 Datasheet
74Kb / 7P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Intersil Corporation
CD40192 INTERSIL-CD40192 Datasheet
149Kb / 12P
CMOS Presettable Up/Down Counters (Dual Clock With Reset)
December 1992
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
CD40192B TI1-CD40192B Datasheet
1Mb / 15P
CMOs Presettable Up/Down counters
CD40192B TI2-CD40192B Datasheet
915Kb / 20P
CMOS Presettable Up/Down Counters (Dual Clock With Reset)
Revised July 2003
More results

Similar Description - CD40192

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40192B PHILIPS-HEF40192B Datasheet
129Kb / 9P
4-bit up/down decade counter
January 1995
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
Synchronous up/down counter, binary/decade counter
January 1995
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
Synchronous UP/Down Decade,4-bit binary Counter
logo
National Semiconductor ...
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
SYNCHRONOUS UP/DOWN DECADE COUNTER
Jul-2001
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Texas Instruments
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com