Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC258 Datasheet(PDF) 6 Page - NEC

Part # UPC258
Description  Bipolar Analog Integrated Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC258 Datasheet(HTML) 6 Page - NEC

Back Button UPC258 Datasheet HTML 2Page - NEC UPC258 Datasheet HTML 3Page - NEC UPC258 Datasheet HTML 4Page - NEC UPC258 Datasheet HTML 5Page - NEC UPC258 Datasheet HTML 6Page - NEC UPC258 Datasheet HTML 7Page - NEC UPC258 Datasheet HTML 8Page - NEC UPC258 Datasheet HTML 9Page - NEC UPC258 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
µPC258,4558
6
データ・シート G10518JJ9V0DS00
1000
300
100
30
10
0
±10
 VICM−V±特性
電源電圧 V±(V)
±20
20
10
0
−10
−20
en−f 特性
1
周波数 f(Hz)
1 k
10
100
0
−10
−5
5
10
出力応答特性
V± = ±15 V
時間 t(μs)
40
30
20
10
0
4
3
2
1
0
0
±10
±20
ICC−V± 特性
電源電圧 V±(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com