Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMEOF5-JZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEOF5-JZ
Description  5 Watt | AC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOF5-JZ Datasheet(HTML) 1 Page - AIMTEC

  AMEOF5-JZ Datasheet HTML 1Page - AIMTEC AMEOF5-JZ Datasheet HTML 2Page - AIMTEC AMEOF5-JZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
O
Series AMEOF5-JZ
5 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R0
1 of 3
North America only
Picture Coming Soon
FEATURES:
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Full power
temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(mA)
Maximum
capacitive
load
(µF)
Efficiency
(%)
AMEOF5-3.3SJZ
85-264/47-63
100-400
0 to +55
3.3
1000
2200
67
AMEOF5-5SJZ
85-264/47-63
100-400
0 to +55
5
1000
1500
74
AMEOF5-9SJZ
85-264/47-63
100-400
0 to +55
9
560
680
75
AMEOF5-12SJZ
85-264/47-63
100-400
0 to +55
12
420
470
76
AMEOF5-15SJZ
85-264/47-63
100-400
0 to +55
15
340
330
77
AMEOF5-24SJZ
85-264/47-63
100-400
0 to +55
24
210
100
79
AMEOF5-12SLJZ
85-264/47-63
100-400
0 to +55
12
420
470
76
AMEOF5-24SLJZ
85-264/47-63
100-400
0 to +55
24
210
100
79
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current
115VAC
200
mA
230VAC
100
mA
Inrush current <2ms
115VAC
5
A
230VAC
10
A
External fuse
Recommended slow blow type
1
A
Input dissipation
No Load
0.5
W
Leakage current
CY(Input to Output) 1nF/400VAC
250
µA
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
Full load, 3.3V output
Full load, others
±3
±2
%
Line regulation
Full load
±0.5
%
Load regulation
10% - 100% load
±1.5
%
Ripple & Noise
20MHz Bandwidth
150
mV p-p
Over current protection
Auto-recovery
≥110
% of I out
Short circuit protection
Continuous
Short circuit restart
Auto-recovery
Over Voltage protection
Zener diode clamp
Hold up time
115VAC
20
ms
230VAC
80
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec, 5mA leakage current
3000
VAC
Isolation Resistance
>1000
MΩ
 Input: 85-264VAC, 47-440Hz or 100-400VDC  I/O Isolation 3000VAC
 Operating temperature -25°C to +85°C
 Ultra slim open frame SIP
 Low power consumption ≤ 0.5W
 Over current protection
 Continuous short circuit protection
 Over voltage protection
 Class II power supply


Similar Part No. - AMEOF5-JZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOF5-12SBJZ AIMTEC-AMEOF5-12SBJZ Datasheet
754Kb / 5P
AC-DC Converter
AMEOF5-12SLBJZ AIMTEC-AMEOF5-12SLBJZ Datasheet
754Kb / 5P
AC-DC Converter
AMEOF5-15SBJZ AIMTEC-AMEOF5-15SBJZ Datasheet
754Kb / 5P
AC-DC Converter
AMEOF5-15SLBJZ AIMTEC-AMEOF5-15SLBJZ Datasheet
754Kb / 5P
AC-DC Converter
AMEOF5-24SBJZ AIMTEC-AMEOF5-24SBJZ Datasheet
754Kb / 5P
AC-DC Converter
More results

Similar Description - AMEOF5-JZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-MAZ AIMTEC-AMEL5-MAZ Datasheet
252Kb / 4P
5 Watt | AC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ Datasheet
320Kb / 3P
5 Watt | AC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_12 Datasheet
147Kb / 4P
5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_13 Datasheet
678Kb / 3P
5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_13 Datasheet
379Kb / 4P
5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_16 Datasheet
561Kb / 5P
5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_16 Datasheet
535Kb / 5P
5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
5 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com