Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMEOF5-JZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMEOF5-JZ
Description  5 Watt | AC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOF5-JZ Datasheet(HTML) 2 Page - AIMTEC

  AMEOF5-JZ Datasheet HTML 1Page - AIMTEC AMEOF5-JZ Datasheet HTML 2Page - AIMTEC AMEOF5-JZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
O
Series AMEOF5-JZ
5 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R0
2 of 3
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100
KHz
Operating temperature
See derating curve
-25 to +85
°C
Storage temperature
-40 to +105
°C
Temperature coefficient
±0.02
% /
°C
Cooling
Free air convection
Humidity
85
% RH
Weight
7
g
Dimensions (L x W x H)
1.65 x 0.54 x 0.79 inches
42.00 x 13.65 x 20.00 mm
MTBF
>300,000 hours (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Safety Specifications
Parameters
Standards
IEC/EN/UL60950-1 pending approval
EN 55022, Class A & B, with external filter circuits, as referenced
IEC 61000-4-2, Contact ±4KV, Criteria B
IEC 61000-4-3, 10V/m, Criteria A, with Class A external filter, as referenced
IEC 61000-4-4, ±2KV/±4KV, Criteria B, with Class A/B external filter referenced
IEC 61000-4-5, ±1KV/±2KV, Criteria B, with Class A/B external filter referenced
IEC 61000-4-6, 3Vrms, Criteria A, with Class B external filter, as referenced
IEC 61000-4-8, 10A/m, Criteria A
IEC 61000-4-11, 0-70%, Criteria B
Pin Out Specifications*
Dimensions
* Add capacitor between pin 5 & 7.
Application circuit below.
L models
5.08
(0.20)
1.60
(0.06)
0.80
(0.03)
Front view
Right view
0.40
(0.02)
33.02
(1.30)
Pin
Single
1
AC N
3
AC L
5
+V sc
7
-V sc
12
-V Output
14
+V Output
42.00
(1.65)
1.30
(0.05)
5.08
(0.20)
Note:
Unit: mm (inch)
Pin diameter tolerance: ±0.10 (±0.004)
Case tolerance: ±0.50 (±0.02)
1
3
57
12
14
33.02
(1.30)
Front View
Bottom View



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com