Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9993BBCZRL Datasheet(PDF) 33 Page - Analog Devices

Part # AD9993BBCZRL
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZRL Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9993BBCZRL Datasheet HTML 29Page - Analog Devices AD9993BBCZRL Datasheet HTML 30Page - Analog Devices AD9993BBCZRL Datasheet HTML 31Page - Analog Devices AD9993BBCZRL Datasheet HTML 32Page - Analog Devices AD9993BBCZRL Datasheet HTML 33Page - Analog Devices AD9993BBCZRL Datasheet HTML 34Page - Analog Devices AD9993BBCZRL Datasheet HTML 35Page - Analog Devices AD9993BBCZRL Datasheet HTML 36Page - Analog Devices AD9993BBCZRL Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Data Sheet
AD9993
Rev. A | Page 33 of 56
STROBE LANE CONTROL REGISTER
Address: 0x012, Reset: 0x00, Name: STROBE_CTRL
Table 17. Bit Descriptions for STROBE_CTRL
Bits
Bit Name
Description
Reset
Access
[7:4]
STROBE_SAMPLE_RATE
Sample rate of strobe output.
0x0
RW
0 = 1/1 of data sample rate.
1 = 1/2 of data sample rate.
2 = 1/4 of data sample rate.
3 = 1/8 of data sample rate.
4 = 1/16 of data sample rate.
5 = 1/32 of data sample rate.
6 = 1/64 of data sample rate.
7 = 1/128 of data sample rate.
8 = 1/256 of data sample rate.
Needs at least one ADC channel working.
0
STROBE_DUTY_CYCLE_EN
Enable 50% duty cycle of strobe lane. Needs at least one ADC channel
working.
0x0
RW
OUTPUT MODE REGISTER
Address: 0x013, Reset: 0x11, Name: FLEX_OUTPUT_MODE
Table 18. Bit Descriptions for FLEX_OUTPUT_MODE
Bits
Bit Name
Description
Reset
Access
4
DP_OUT_DATA_EN_N
Digital datapath output enable (active low) (ADC indexed).
0x1
RW
0 = digital output from ADC is enabled.
1 = digital output from ADC is disabled.
2
DP_OUT_DATA_INV
Digital datapath output invert (ADC indexed).
0x0
RW
0 = output from ADC is not inverted.
1 = output from ADC is inverted.
[1:0]
DP_OUT_DFS
Digital datapath output data format select (DFS) (ADC indexed).
0x1
RW
00 = offset binary.
01 = twos complement.
10 = gray code.
11 = reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com