Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9993BBCZRL Datasheet(PDF) 39 Page - Analog Devices

Part # AD9993BBCZRL
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZRL Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9993BBCZRL Datasheet HTML 35Page - Analog Devices AD9993BBCZRL Datasheet HTML 36Page - Analog Devices AD9993BBCZRL Datasheet HTML 37Page - Analog Devices AD9993BBCZRL Datasheet HTML 38Page - Analog Devices AD9993BBCZRL Datasheet HTML 39Page - Analog Devices AD9993BBCZRL Datasheet HTML 40Page - Analog Devices AD9993BBCZRL Datasheet HTML 41Page - Analog Devices AD9993BBCZRL Datasheet HTML 42Page - Analog Devices AD9993BBCZRL Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Data Sheet
AD9993
Rev. A | Page 39 of 56
INTEGER VALUE OF SYNTHESIZER DIVIDER REGISTER
Address: 0x031, Reset: 0x40, Name: SYNTH_INT
Table 30. Bit Descriptions for SYNTH_INT
Bits
Bit Name
Description
Reset
Access
[7:0]
SYNTH_INT
Integer part on the synthesizer divider (N). N = freq (MHz)/31.25.
0x40
RW
SYNTHESIZER CONTROL REGISTER
Address: 0x032, Reset: 0x00, Name: SYNTH_CTRL
Table 31. Bit Descriptions for SYNTH_CTRL
Bits
Bit Name
Description
Reset
Access
4
SYNTH_CAL_START
Start synthesizer calibration.
0x0
RW
0
SYNTH_CP_CAL_EN
Enable charge pump calibration.
0x0
RW
CLOCK GENERATOR CONTROL REGISTER
Address: 0x033, Reset: 0x00, Name: CLKGEN_CTRL1
Table 32. Bit Descriptions for CLKGEN_CTRL1
Bits
Bit Name
Description
Reset
Access
7
CLKGEN_DC_MODE
DAC clock direct connect to ADC.
0x0
RW
0 = ADC clock from 1 GHz.
1 = ADC clock from DAC.
6
CLKGEN_DC_MODE_INV
Not used.
0x0
RW
5
CLKGEN_REFCLK_DIV1
0 = select REFCLK as PLL reference.
0x0
RW
1 = select REFCLK/2 as PLL reference.
4
CLKGEN_REFDIV_EN
Selects the output of the on-chip reference clock divider to the PLL.
0x0
RW
[1:0]
CLKGEN_REFDIV_SEL
Sets the divider ratio for the on-chip reference clock divider.
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com