Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5243F Datasheet(PDF) 7 Page - Analog Devices

Part # ADG5243F
Description  User Defined Fault Protection and Detection, 0.8 pc QINJ, Triple SPDT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5243F Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG5243F Datasheet HTML 3Page - Analog Devices ADG5243F Datasheet HTML 4Page - Analog Devices ADG5243F Datasheet HTML 5Page - Analog Devices ADG5243F Datasheet HTML 6Page - Analog Devices ADG5243F Datasheet HTML 7Page - Analog Devices ADG5243F Datasheet HTML 8Page - Analog Devices ADG5243F Datasheet HTML 9Page - Analog Devices ADG5243F Datasheet HTML 10Page - Analog Devices ADG5243F Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Data Sheet
ADG5243F
Rev. 0 | Page 7 of 30
12 V SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, CDECOUPLING = 0.1 µF, unless otherwise noted.
Table 3.
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
VDD = 10.8 V, VSS = 0 V, see Figure 34
Analog Signal Range
0 V to VDD
V
On Resistance, RON
630
Ω typ
VS = 0 V to 10 V, IS = −1 mA
690
710
730
Ω max
270
Ω typ
VS = 3.5 V to 8.5 V, IS = −1 mA
290
355
410
Ω max
On-Resistance Match Between Channels, ∆RON
6
Ω typ
VS = 0 V to 10 V, IS = −1 mA
19
19
19
Ω max
1
Ω typ
VS = 3.5 V to 8.5 V, IS = −1 mA
5
5
5
Ω max
On-Resistance Flatness, RFLAT(ON)
380
Ω typ
VS = 0 V to 10 V, IS = −1 mA
440
460
460
Ω max
25
Ω typ
VS = 3.5 V to 8.5 V, IS = −1 mA
27
28
28
Ω max
Threshold Voltage, VT
0.7
V typ
See Figure 26
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off)
±0.1
nA typ
VS = 1 V/10 V, VD = 10 V/1 V, see Figure 32
±1
±2
±5
nA max
Drain Off Leakage, ID (Off)
±0.1
nA typ
VS = 1 V/10 V, VD = 10 V/1 V, see Figure 32
±1
±2
±5
nA max
Channel On Leakage, ID (On), IS (On)
±0.3
nA typ
VS = VD = 1 V/10 V, see Figure 33
±1.5
±5
±10
nA max
FAULT
Source Leakage Current, IS
With Overvoltage
±63
µA typ
VDD = 13.2 V, VSS = 0 V, GND = 0 V, VS = ±55 V,
see Figure 31
Power Supplies Grounded or Floating
±25
µA typ
VDD = 0 V or floating, VSS = 0 V or floating, GND =
0 V, INx = 0 V or floating, VS = ±55 V, see Figure 30
Drain Leakage Current, ID
With Overvoltage
±2
nA typ
VDD = 13.2 V, VSS = 0 V, GND = 0 V, VS = ±55 V,
see Figure 31
±8
±15
±50
nA max
Power Supplies Grounded
±5
nA typ
VDD = 0 V, VSS = 0 V, GND = 0 V, VS = ±55 V,
INx = 0 V, see Figure 30
±100
±100
±100
nA max
Power Supplies Floating
±50
±50
±50
µA typ
VDD = floating, VSS = floating, GND = 0 V,VS =
±55 V, INx = 0 V, see Figure 30
DIGITAL INPUTS/OUTPUTS
Input Voltage
High, VINH
2.0
V min
Low, VINL
0.8
V max
Input Current, IINL or IINH
±0.7
µA typ
VIN = GND or VDD
±1.1
±1.2
µA max
Digital Input Capacitance, CIN
5.0
pF typ
Output Voltage
High, VOH
2.0
V min
Low, VOL
0.4
V max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com