Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5243F Datasheet(PDF) 18 Page - Analog Devices

Part # ADG5243F
Description  User Defined Fault Protection and Detection, 0.8 pc QINJ, Triple SPDT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5243F Datasheet(HTML) 18 Page - Analog Devices

Back Button ADG5243F Datasheet HTML 14Page - Analog Devices ADG5243F Datasheet HTML 15Page - Analog Devices ADG5243F Datasheet HTML 16Page - Analog Devices ADG5243F Datasheet HTML 17Page - Analog Devices ADG5243F Datasheet HTML 18Page - Analog Devices ADG5243F Datasheet HTML 19Page - Analog Devices ADG5243F Datasheet HTML 20Page - Analog Devices ADG5243F Datasheet HTML 21Page - Analog Devices ADG5243F Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
ADG5243F
Data Sheet
Rev. 0 | Page 18 of 30
8
6
4
2
0
–2
–10
–8
–6
–4
–20
20
15
10
5
0
–5
–10
–15
VS (V)
TA = 25°C
VDD = +15V, VSS = –15V
VDD = +20V, VSS = –20V
Figure 21. Charge Injection vs. Source Voltage (VS), Dual Supply
0
–140
–120
–100
–80
–60
–40
–20
10k
1G
100M
10M
1M
100k
FREQUENCY (Hz)
VDD = POSFV = +15V
VSS = NEGFV = –15V
TA = 25°C
WITH 100nF DECOUPLING CAPACITOR
Figure 22. ACPSRR vs. Frequency, ±15 V Dual Supply
0.06
0.05
0.04
0.03
0.02
0.01
0
0
20
15
10
5
FREQUENCY (kHz)
LOAD = 10kΩ
TA = 25°C
VDD = +12V, VSS = 0V, VS = +6V p-p
VDD = +36V, VSS = 0V, VS = +18V p-p
VDD = +15V, VSS = –15V, VS = +15V p-p
VDD = +20V, VSS = –20V, VS = +20V p-p
Figure 23. THD + N vs. Frequency
–9
–20
–19
–15
–16
–17
–18
–14
–13
–12
–11
–10
10k
1G
100M
10M
1M
100k
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
TA = 25°C
Figure 24. Bandwidth vs. Frequency
TEMPERATURE (°C)
140
150
160
170
180
190
200
210
220
–40
–20
0
20
40
60
80
100
120
VDD = +12V, VSS = 0V
VDD = +36V, VSS = 0V
VDD = +15V, VSS = –15V
VDD = +20V, VSS = –20V
Figure 25. tTRANSITION vs. Temperature
TEMPERATURE (°C)
0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–40
–20
0
20
40
60
80
100
120
Figure 26. Threshold Voltage (VT) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com