Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5404F Datasheet(PDF) 13 Page - Analog Devices

Part # ADG5404F
Description  Fault Protection and Detection, 10 ohm RON, 4-Channel Multiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5404F Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG5404F Datasheet HTML 9Page - Analog Devices ADG5404F Datasheet HTML 10Page - Analog Devices ADG5404F Datasheet HTML 11Page - Analog Devices ADG5404F Datasheet HTML 12Page - Analog Devices ADG5404F Datasheet HTML 13Page - Analog Devices ADG5404F Datasheet HTML 14Page - Analog Devices ADG5404F Datasheet HTML 15Page - Analog Devices ADG5404F Datasheet HTML 16Page - Analog Devices ADG5404F Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Data Sheet
ADG5404F
Rev. B | Page 13 of 30
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 2. TSSOP Pin Configuration
Figure 3. LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
TSSOP
LFCSP
1
15
A0/F01
Logic Control Input (A0).
Decoder for the SF Pin (F0).
2
16
EN
Active High Digital Input. When this pin is low, the device is disabled and all switches are off.
When this pin is high, the Ax logic control inputs determine the on switches.
3
1
VSS
Most Negative Power Supply Potential.
4
3
S1
Overvoltage Protected Source Terminal 1. This pin can be an input or an output.
5
4
S2
Overvoltage Protected Source Terminal 2. This pin can be an input or an output.
6
6
D
Drain Terminal. This pin can be an input or an output.
7
5
DR
Drain Response Digital Input. Tying this pin to GND enables the drain to pull to VDD or VSS
during an overvoltage fault condition. The default condition of the drain is open circuit when
the pin is left floating or if it is tied to VDD.
8
7
SF
Specific Fault Digital Output. This pin has a high output when the device is in normal operation
and a low output when a fault condition is detected on a specific pin, depending on the state
of A0/F0 and A1/F1 (see Table 9).
9
8
FF
Fault Flag Digital Output. This pin has a high output when the device is in normal operation
and a low output when a fault condition occurs on any of the Sx inputs.
10
9
S4
Overvoltage Protected Source Terminal 4. This pin can be an input or an output.
11
10
S3
Overvoltage Protected Source Terminal 3. This pin can be an input or an output.
12
11
VDD
Most Positive Power Supply Potential.
13
12
GND
Ground (0 V) Reference.
14
14
A1/F11
Logic Control Input (A1).
Decoder for the SF Pin (F1).
2, 13
NIC
Not internally connected
N/A2
17
EP
The exposed pad is connected internally. For increased reliability of the solder joints and
maximum thermal capability, it is recommended that the pad be soldered to the substrate, VSS.
1
Throughout the data sheet, dual function pin names are referenced by the relevant function where applicable.
2
N/A means not applicable.
1
2
3
4
5
6
7
EN
VSS
S1
DR
D
S2
A0/F0
14
13
12
11
10
9
8
GND
VDD
S3
SF
FF
S4
A1/F1
ADG5404F
TOP VIEW
(Not to Scale)
12
11
10
1
3
4
9
2
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
2. THE EXPOSED PAD IS CONNECTED INTERNALLY. FOR INCREASED
RELIABILITY OF THE SOLDER JOINTS AND MAXIMUM THERMAL
CAPABILITY, IT IS RECOMMENDED THAT THE PAD BE SOLDERED
TO THE SUBSTRATE, VSS.
VSS
NIC
S1
S2
GND
VDD
S3
S4
ADG5404F
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com