Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5404F Datasheet(PDF) 17 Page - Analog Devices

Part # ADG5404F
Description  Fault Protection and Detection, 10 ohm RON, 4-Channel Multiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5404F Datasheet(HTML) 17 Page - Analog Devices

Back Button ADG5404F Datasheet HTML 13Page - Analog Devices ADG5404F Datasheet HTML 14Page - Analog Devices ADG5404F Datasheet HTML 15Page - Analog Devices ADG5404F Datasheet HTML 16Page - Analog Devices ADG5404F Datasheet HTML 17Page - Analog Devices ADG5404F Datasheet HTML 18Page - Analog Devices ADG5404F Datasheet HTML 19Page - Analog Devices ADG5404F Datasheet HTML 20Page - Analog Devices ADG5404F Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Data Sheet
ADG5404F
Rev. B | Page 17 of 30
Figure 16. Overvoltage Leakage Current vs. Temperature, ±20 V Dual Supply
Figure 17. Overvoltage Leakage Current vs. Temperature, 12 V Single Supply
Figure 18. Overvoltage Leakage Current vs. Temperature, 36 V Single Supply
Figure 19. Off Isolation vs. Frequency
Figure 20. Crosstalk vs. Frequency
Figure 21. Charge Injection vs. Source Voltage (VS), Single Supply
0
20
40
60
80
100
120
TEMPERATURE (°C)
–35
–30
–25
–20
–15
–10
–5
0
5
VDD = +20V
VSS = –20V
VS = –55V
VS = +55V
–40
–35
–30
–25
–20
–15
–10
–5
5
0
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = 12V
VSS = 0V
VS = –55V
VS = +55V
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = 36V
VSS = 0V
VS = –55V
VS = +55V
–120
–100
–80
–60
–40
–20
0
10k
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
TA = 25°C
VDD = +15V
VSS = –15V
–120
–100
–80
–60
–40
–20
0
10k
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
TA = 25°C
VDD = +15V
VSS = –15V
–200
–100
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
30
35
40
VS (V)
VDD = 12V, VSS = 0V
VDD = 36V, VSS = 0V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com