Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7122BBCZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADuC7122BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7122BBCZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADuC7122BBCZ Datasheet HTML 35Page - Analog Devices ADuC7122BBCZ Datasheet HTML 36Page - Analog Devices ADuC7122BBCZ Datasheet HTML 37Page - Analog Devices ADuC7122BBCZ Datasheet HTML 38Page - Analog Devices ADuC7122BBCZ Datasheet HTML 39Page - Analog Devices ADuC7122BBCZ Datasheet HTML 40Page - Analog Devices ADuC7122BBCZ Datasheet HTML 41Page - Analog Devices ADuC7122BBCZ Datasheet HTML 42Page - Analog Devices ADuC7122BBCZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
Data Sheet
ADuC7122
Table 54. FEExSTA MMR Bit Designations
Bit
Description
15:6
Reserved.
5
Reserved.
4
Reserved.
3
Flash/EE interrupt status bit.
Set automatically when an interrupt occurs, that is, when a command is complete and the Flash/EE interrupt enable bit in the
FEExMOD register is set.
Cleared when reading the FEExSTA register.
2
Flash/EE controller busy.
Set automatically when the controller is busy.
Cleared automatically when the controller is not busy.
1
Command fail.
Set automatically when a command completes unsuccessfully.
Cleared automatically when reading the FEExSTA register.
0
Command complete.
Set by ADuC7122 when a command is complete.
Cleared automatically when reading the FEExSTA register.
Table 55. FEExMOD MMR Bit Designations
Bit
Description
7:5
Reserved. Always set these bits to 0 except when writing Flash memory control keys.
4
Flash/EE interrupt enable.
Set by the user to enable the Flash/EE interrupt. The interrupt occurs when a command is complete.
Cleared by user to disable the Flash/EE interrupt.
3
Erase/write command protection.
Set by the user to enable the erase and write commands.
Cleared to protect the Flash/EE memory against erase/write command.
2
Reserved. Should always be set to 0 by the user.
1:0
Flash/EE wait states. Both Flash/EE blocks must have the same wait state value for any change to take effect.
Table 56. Command Codes in FEExCON
Code
Command
Description
0x00
20F
1
Null
Idle state.
0x011
Single read
Load FEExDAT with the 16-bit data indexed by FEExADR.
0x021
Single write
Write FEExDAT at the address pointed by FEExADR. This operation takes 50 µs.
0x031
Erase/write
Erase the page indexed by FEExADR and write FEExDAT at the location pointed by FEExADR. This operation
takes 20 ms.
0x041
Single verify
Compare the contents of the location pointed by FEExADR to the data in FEExDAT. The result of the comparison
is returned in FEExSTA Bit 1.
0x051
Single erase
Erase the page indexed by FEExADR.
0x061
Mass erase
Erase user space. The 2 kB of kernel are protected in Block 0. This operation takes 2.48 sec. To prevent accidental
execution, a command sequence is required to execute this instruction.
0x07
Reserved
Reserved.
0x08
Reserved
Reserved.
0x09
Reserved
Reserved.
0x0A
Reserved
Reserved.
0x0B
Signature
Gives a signature of the 64 kB of Flash/EE in the 24-bit FEExSIGN MMR. This operation takes 32,778 clock cycles.
0x0C
Protect
This command can be run only once. The value of FEExPRO is saved and can be removed only with a mass erase
(0x06) or with the key.
0x0D
Reserved
Reserved.
0x0E
Reserved
Reserved.
0x0F
Ping
No operation, interrupt generated.
1
The FEExCON register always reads 0x07 immediately after execution of any of these commands.
Rev. A | Page 39 of 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com