Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7122BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADuC7122BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7122BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADuC7122BBCZ Datasheet HTML 17Page - Analog Devices ADuC7122BBCZ Datasheet HTML 18Page - Analog Devices ADuC7122BBCZ Datasheet HTML 19Page - Analog Devices ADuC7122BBCZ Datasheet HTML 20Page - Analog Devices ADuC7122BBCZ Datasheet HTML 21Page - Analog Devices ADuC7122BBCZ Datasheet HTML 22Page - Analog Devices ADuC7122BBCZ Datasheet HTML 23Page - Analog Devices ADuC7122BBCZ Datasheet HTML 24Page - Analog Devices ADuC7122BBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
Data Sheet
ADuC7122
More information relative to the programmer’s model and the
ARM7TDMI core architecture can be found in the following
materials from ARM:
•
DDI 0029G, ARM7TDMI Technical Reference Manual
•
DDI 0100, ARM Architecture Reference Manual
34B
INTERRUPT LATENCY
The worst-case latency for a fast interrupt request (FIQ)
consists of the following:
•
The longest time the request can take to pass through the
synchronizer
•
The time for the longest instruction to complete (the
longest instruction is an LDM) that loads all the registers
including the PC
•
The time for the data abort entry
•
The time for FIQ entry
At the end of this time, the ARM7TDMI executes the instruc-
tion at 0x1C (FIQ interrupt vector address). The maximum
total time is 50 processor cycles, which is just under 1.2 µs in a
system using a continuous 41.78 MHz processor clock.
The maximum interrupt request (IRQ) latency calculation is
similar but must allow for the fact that FIQ has higher priority
and can delay entry into the IRQ handling routine for an
arbitrary length of time. This time can be reduced to 42 cycles if
the LDM command is not used. Some compilers have an option
to compile without using this command. Another option is to run
the part in thumb mode where the time is reduced to 22 cycles.
The minimum latency for FIQ or IRQ interrupts is a total of
five cycles, which consist of the shortest time the request can
take through the synchronizer, plus the time to enter the
exception mode.
Note that the ARM7TDMI always runs in ARM (32-bit) mode
when in privileged mode, for example, when executing
interrupt service routines.
Rev. A | Page 21 of 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com