Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4062C Datasheet(PDF) 5 Page - NEC

Part # UPC4062C
Description  Bipolar Analog Integrated Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC4062C Datasheet(HTML) 5 Page - NEC

  UPC4062C Datasheet HTML 1Page - NEC UPC4062C Datasheet HTML 2Page - NEC UPC4062C Datasheet HTML 3Page - NEC UPC4062C Datasheet HTML 4Page - NEC UPC4062C Datasheet HTML 5Page - NEC UPC4062C Datasheet HTML 6Page - NEC UPC4062C Datasheet HTML 7Page - NEC UPC4062C Datasheet HTML 8Page - NEC UPC4062C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
µPC832,4062
データ・シート G13980JJ3V0DS00
5
+15
出力電流(SOURCE)IO SOURCE(mA)
VO+−IO SOURCE 特性
0
V± = ±15 V
+10
+5
510
15
TA = 70 ℃
−20 ℃
25 ℃
V± = ±15 V
−15
出力電流(SINK)IO SINK(mA)
VO−−IO SINK 特性
0
5
10
15
−10
−5
TA = 70 ℃
−20 ℃
25 ℃
5
時間 t (μs)
パルス応答特性
0
0
−5
5
0
−5
5
101520
AV = +1
RL = 10 kΩ
CL = 100 pF
V± = ±15 V
50
周波数 f(Hz)
en−f 特性
10
40
30
20
10
0
V± = ±15 V
RS = 100 Ω
100
1 k
10 k
100 k
500
電源電圧 V±(V)
ICC−V± 特性
0
400
300
200
100
±5
±10
±15
±20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com