Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF753 Datasheet(PDF) 21 Page - YAMAHA CORPORATION

Part # YMF753
Description  AC97 Revision2.2 Audio CODEC with Digital Audio I/F
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF753 Datasheet(HTML) 21 Page - YAMAHA CORPORATION

Back Button YMF753 Datasheet HTML 17Page - YAMAHA CORPORATION YMF753 Datasheet HTML 18Page - YAMAHA CORPORATION YMF753 Datasheet HTML 19Page - YAMAHA CORPORATION YMF753 Datasheet HTML 20Page - YAMAHA CORPORATION YMF753 Datasheet HTML 21Page - YAMAHA CORPORATION YMF753 Datasheet HTML 22Page - YAMAHA CORPORATION YMF753 Datasheet HTML 23Page - YAMAHA CORPORATION YMF753 Datasheet HTML 24Page - YAMAHA CORPORATION YMF753 Datasheet HTML 25Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
YMF753
March 6, 2001
21
4-2. AC-link Interface
Parameter
Symbol
Min.
Typ.
Max.
Unit
BIT_CLK frequency
-
12.288
-
MHz
BIT_CLK clock period
Tclk_period
-
81.4
-
ns
BIT_CLK output jitter
-
-
750
ps
BIT_CLK low pulse width
Tclk_low
36.0
40.7
45.0
ns
BIT_CLK high pulse width
Tclk_high
36.0
40.7
45.0
ns
SYNC frequency
48.0
kHz
SYNC period
Tsync_period
-
20.8
-
µs
SYNC low pulse width
Tsync_low
-
19.5
-
µs
SYNC high pulse width
Tsync_high
-
1.3
-
µs
SDATA_OUT, SYNC setup time
Tsetup
10.0
-
-
ns
SDATA_OUT hold time
Thold
20.0
-
-
ns
SDATA_IN delay time
Tco
-
-
15.0
ns
AC-link Low Power Mode
End of slot 2 to BIT_CLK, SDATA_IN low
Ts2_pdown
-
-
1.0
µs
BIT_CLK
SYNC
Data Output and Input Timing
BIT_CLK
Tclk_low
Tclk_high
Tclk_period
SYNC
Tsync_low
Tsync_high
Tsync_period
BIT_CLK
SDATA_IN
SDATA_OUT,
SYNC
Tco
Thold
Tsetup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com