Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z80 Datasheet(PDF) 38 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 38 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 34Page - Zilog, Inc. Z80 Datasheet HTML 35Page - Zilog, Inc. Z80 Datasheet HTML 36Page - Zilog, Inc. Z80 Datasheet HTML 37Page - Zilog, Inc. Z80 Datasheet HTML 38Page - Zilog, Inc. Z80 Datasheet HTML 39Page - Zilog, Inc. Z80 Datasheet HTML 40Page - Zilog, Inc. Z80 Datasheet HTML 41Page - Zilog, Inc. Z80 Datasheet HTML 42Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Counter/Timer Channels

Bit 7 = 1. Each channel is enabled to generate an interrupt request sequence
when the down-counter reaches a zero-count condition. To set the interrupt
bit to 1 in any of the four Channel Control registers an interrupt vector is
written to the CTC before operation begins. Channel interrupts may be
programmed in either Counter or Timer mode. If an updated channel
control word is written to a channel in operation, with bit 7 set, the interrupt
enable selection is not retroactive to a preceding zero-count condition.
Bit 7 = 0. Channel interrupts disabled.
Bit 6 = 1. Counter mode selected. The down-counter is decremented by
each triggering edge of the External clock (CLK/TRG) input. The prescaler
is not used.
Bit 6 = 0. Timer mode selected. The prescaler is clocked by the System
clock
Φ, and the output of the prescaler in turn clocks the down-counter.
The output of the down-counter (the channel’s ZC/TO output) is a uniform
pulse train of period given by the product as shown below
8-
$
4
CLK/TRG Edge
Section
R/W
1
0
Rising Edge
Falling Edge
3
Time Trigger*
R/W
1
0
CLK/TRG Pulse Starts Timer
Automatic trigger when time constant is loaded
2
Time Constant
R/W
1
0
Time Constant Follows
No Time Constant Follows
1Reset
R/W
1
0
Software Reset
Continue Operation
0
Control or Vector
R/W
1
0
Control
Vector
Bit
Number
Field
R/W
Value
Description
*TIMER mode only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com