Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z80 Datasheet(PDF) 75 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 75 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 71Page - Zilog, Inc. Z80 Datasheet HTML 72Page - Zilog, Inc. Z80 Datasheet HTML 73Page - Zilog, Inc. Z80 Datasheet HTML 74Page - Zilog, Inc. Z80 Datasheet HTML 75Page - Zilog, Inc. Z80 Datasheet HTML 76Page - Zilog, Inc. Z80 Datasheet HTML 77Page - Zilog, Inc. Z80 Datasheet HTML 78Page - Zilog, Inc. Z80 Datasheet HTML 79Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

Address Generation
Two 26-bit addresses are generated by the DMA for every transfer oper-
ation: one address for the source port and another for the destination port.
The two addresses are multiplexed onto the address bus, according to
whether the DMA is reading the source or writing to the destination.
The two ports are arbitrarily named Port A and Port B. Both A and B can be
either source or destination, either memory or I/O, and have fixed or
variable addresses.
Table 8. Maximum Transfer and Search Speeds (Burst and Continuous
Modes)
Action
Z80
(2.4 MHz)
Z80Z
(4.0 MHz)
DMA Simultaneous Transfer
1.25
MB/s
2.0
MB/s
DMA Search Only
DMA Simultaneous Transfer/Search
DMA Sequential Transfer
0.625
MB/s
1.0
MB/s
DMA Sequential Transfer/Search
CPU Block Transfer Instruction
0.125
MB/s
0.200
MB/s
Table 9. Reduction in Z80 CPU Throughput per Kbaud
(Byte Mode Transfers)
Action
Z80
(2.4 MHz)
Z80Z
(4.0 MHz)
DMA Sequential Transfer
0.085%
0.041%
DMA Sequential Transfer/Search
CPU Interrupt Driven Transfer
0.340%
0.213%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com