Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPLW136 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # ICPLW136
Description  High Speed 1Mbit/s
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPLW136 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  ICPLW136 Datasheet HTML 1Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 2Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 3Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 4Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 5Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 6Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 7Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 8Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
DC93191
26/01/2016
ICPLW135, ICPLW136, ICPLW4503
ISOCOM
COMPONENTS
DESCRIPTION
The ICPLW135, ICPLW136 and ICPLW4503 devices
each consist of an infrared emitting diode, optically
coupled to a high speed photo detector transistor.
A separate connection for the photodiode bias and
output-transistor collector increase the speed by
several orders of magnitude over conventional
phototransistor couplers by reducing the
base-collector capacitance of the input transistor.
These devices belong to Isocom wide body package
range optocouplers.
FEATURES
•
High Speed 1Mbit/s
•
Wide Body Package
•
15kV/μs min. Common Mode Transient
Immunity (ICPLW4503)
•
High AC Isolation Voltage 5000VRMS
•
Guaranteed Performance from 0°C to +70°C
•
Pb Free and RoHS Compliant
•
Safety Approvals Pending
APPLICATIONS
•
Line Receivers
•
Telecommunication Equipments
•
Power Transistor Isolation in Motor Drives
•
Replacement of Low Speed Phototransistor
Optocouplers
•
Feedback Loop in Switch Mode Power Supplies
•
High Speed Logic Ground Isolation
•
Home Appliances
ORDER INFORMATION
•
Add SMT&R after PN for Surface Mount
Tape & Reel
.
ISOCOM COMPONENTS 2004 LTD
Unit 25B, Park View Road West, Park View Industrial Estate
Hartlepool, Cleveland, TS25 1UD, United Kingdom
Tel: +44 (0)1429 863 609 Fax : +44 (0)1429 863 581
e-mail: sales@isocom.co.uk
http://www.isocom.com
ISOCOM COMPONENTS ASIA LTD
Hong Kong Office,
Block A, 8/F, Wah Hing Industrial mansion,
36 Tai Yau Street, San Po Kong, Kowloon, Hong Kong.
Tel: +852 2995 9217 Fax : +852 8161 6292
e-mail: sales@isocom.com.hk
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Input Diode
Forward Current
25mA
Peak Forward Current
50mA
(50% duty cycle, 1ms pulse width)
Peak Transient Current
1A
(≤1μs pulse width, 300pps)
Reverse Voltage
5V
Power dissipation
45mW
Output
Output Current
8mA
Peak Output Current
16mA
Emitter-Base Reverse Voltage*
5V
Base Current*
5mA
(*ICPLW135 and ICPLW136 only)
Output Voltage
-0.5 to 20V
Supply Voltage
-0.5 to 30V
Power Dissipation
100mW
Total Package
Isolation Voltage
5000VRMS
(R.H. 40 - 60%, 1 min,
Pins 1, 2, 3 & 4 shorted together,
Pins 5, 6, 7 & 8 shorted together)
Operating Temperature
-55 to +100 °C
Storage Temperature
-55 to +125 °C
Lead Soldering Temperature (10s)
260°C
1. NC
2. Anode
3. Cathode
4. NC
5. Gnd
6. Vout
7. VB
(ICPLW135/
ICPLW136)
NC
(ICPLW4503)
8. VCC
ICPLW135
ICPLW136
ICPLW4503
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4


Similar Part No. - ICPLW136

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPLW137 ISOCOM-ICPLW137 Datasheet
656Kb / 16P
High Speed 10Mbit/s
More results

Similar Description - ICPLW136

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
EL045X EVERLIGHT-EL045X Datasheet
390Kb / 14P
8 PIN SOP HIGH SPEED 1Mbit/s
EL450X EVERLIGHT-EL450X Datasheet
981Kb / 14P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
ELM45X EVERLIGHT-ELM45X Datasheet
566Kb / 12P
5 PIN SOP HIGH SPEED 1Mbit/s
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
6N136M-V EVERLIGHT-6N136M-V Datasheet
1Mb / 13P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
May 13, 2013
logo
CT Micro International ...
6N135 CTMICRO-6N135 Datasheet
1Mb / 16P
1Mbit/s High Speed Phototransistor Optocoupler
CT4504 CTMICRO-CT4504 Datasheet
1Mb / 14P
High CMR, 1Mbit/s High Speed Optocoupler
logo
Everlight Electronics C...
EL4504 EVERLIGHT-EL4504 Datasheet
1Mb / 14P
HIGH CMR HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
May 13, 2013
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
Single Channel,High Speed 1MBit/s Transistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com