Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPLW136 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # ICPLW136
Description  High Speed 1Mbit/s
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPLW136 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  ICPLW136 Datasheet HTML 1Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 2Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 3Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 4Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 5Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 6Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 7Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 8Page - ISOCOM COMPONENTS ICPLW136 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
DC93191
26/01/2016
ICPLW135, ICPLW136, ICPLW4503
ISOCOM
COMPONENTS
ELECTRICAL CHARACTERISTICS (TA = 0°C to +70°C unless otherwise specified)
INPUT
OUTPUT
* Typical values at TA = 25°C
Parameter
Symbol
Test Condition
Min
Typ*
Max
Unit
Forward Voltage
VF
IF = 16mA
1.45
1.8
V
Reverse Voltage
VR
IR = 10µA
5.0
V
Temperature Coefficient
of Forward Voltage
ΔVF/ΔTA
IF = 16mA
-1.9
mV/°C
Parameter
Symbol
Test Condition
Min
Typ.*
Max
Unit
Logic High
Output Current
IOH
IF = 0mA, VO = VCC = 5.5V,
TA = 25°C
0.001
0.5
μA
IF = 0mA, VO = VCC = 15V,
TA = 25°C
0.01
1
IF = 0mA, VO = VCC = 15V
50
Logic Low
Supply Current
ICCL
IF = 16mA, VO = Open,
VCC = 15V
110
200
μA
Logic High
Supply Current
ICCH
IF = 0mA, VO = Open,
VCC = 15V, TA = 25°C
0.01
1
IF = 0mA, VO = Open,
VCC = 15V
2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com