Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA93 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BA93
Description  MINIATURE BAYONET 9MM T1 3/4 THREE CLUSTER ULTRA BRIGHT LEDS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BA93 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BA93 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BA93
MINIATURE BAYONET 9MM
T1 3/4
THREE CLUSTER ULTRA
BRIGHT LEDS
KEY FEATURES
• Long life
• Low operating current
• Ultra bright illumination
• Reduced maintenance cost
• Solid state circuitry
• High shock & vibration resistant
• Custom configurations available
• Flashing version available
Incandescent Replacement: 6MB, 12MB, 24MB, 48MB, 60MB, 120MB, 44, 47, 49, 51, 130, 137, 182, 216, 219, 239, 240, 256,
257, 293, 313, 755, 756, 757, 1302, 1445, 1819, 1929, 1832, 1847.
Example:
BA9 3 -
5 R - 28
V - P
Qty
Flattop Size
Color
Voltage
Polarity
Bayonet
9 mm
of
F
of
R=Red
7
VAC
Base
Leds
Led
A=Amber
28
AC/DC=V-P
3
G=Green
48
Bi-Polar=V-BP
3 mm
LG=Lime Green
60
5 mm
B=Blue
130
W=White
Note : 130 VDC applications Call Factory
Contact Information:
Tel: 949-260-8042
Fax: 949-476-8042
E-mail: info@alpinetech.com
Alpinetech Lighting Products
17831 Sky Park Circle, Suite A
Irvine, CA 92614 USA
www.alpinetech.com


Similar Part No. - BA93

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA90 L-COM-BA90 Datasheet
49Kb / 1P
ADAPTER RCA M/BNC F
3/12/200
logo
List of Unclassifed Man...
BA9026 ETC1-BA9026 Datasheet
69Kb / 2P
Power Electronics, Softstarter with softstop ministart
BA90263AC503 ETC1-BA90263AC503 Datasheet
69Kb / 2P
Power Electronics, Softstarter with softstop ministart
BA9040 ETC2-BA9040 Datasheet
153Kb / 2P
Monitoring technique
BA904012003AC230V50HZ ETC2-BA904012003AC230V50HZ Datasheet
153Kb / 2P
Monitoring technique
More results

Similar Description - BA93

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL16B-WCG04 P-TEC-PL16B-WCG04 Datasheet
30Kb / 1P
5MM (T1 3/4) Ultra Bright Turquoise LED
PL16B-WCG19 P-TEC-PL16B-WCG19 Datasheet
30Kb / 1P
5MM (T1 3/4) Ultra Bright Green LED
PL16B-WCR11 P-TEC-PL16B-WCR11 Datasheet
29Kb / 1P
5MM (T1 3/4) Ultra Bright Red LED
PL16B-WCW15Z P-TEC-PL16B-WCW15Z Datasheet
30Kb / 1P
5MM (T1 3/4) Ultra Bright White LED
PL16B-WCY11 P-TEC-PL16B-WCY11 Datasheet
30Kb / 1P
5MM (T1 3/4) Ultra Bright Yellow LED
PL16C-WCG01Z P-TEC-PL16C-WCG01Z Datasheet
30Kb / 1P
5MM T1 3/4 Ultra Bright Turquoise LED
PL16C-WCG19 P-TEC-PL16C-WCG19 Datasheet
30Kb / 1P
5MM T1 3/4 Ultra Bright Green LED
PL16C-WCR22 P-TEC-PL16C-WCR22 Datasheet
30Kb / 1P
5MM T1 3/4 Ultra Bright Red LED
PL16C-WCW15Z P-TEC-PL16C-WCW15Z Datasheet
30Kb / 1P
5MM (T1 3/4) Ultra Bright White LED
PL16C-WCY27Z P-TEC-PL16C-WCY27Z Datasheet
73Kb / 1P
5MM (T1 3/4) Ultra Bright Yellow LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com