Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS164 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS164
Description  8-Bit Serial In/Parallel Out Shift Registers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS164 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54LS164 Datasheet HTML 1Page - National Semiconductor (TI) 54LS164 Datasheet HTML 2Page - National Semiconductor (TI) 54LS164 Datasheet HTML 3Page - National Semiconductor (TI) 54LS164 Datasheet HTML 4Page - National Semiconductor (TI) 54LS164 Datasheet HTML 5Page - National Semiconductor (TI) 54LS164 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6398
June 1989
54LS164DM54LS164DM74LS164
8-Bit Serial InParallel Out Shift Registers
General Description
These 8-bit shift registers feature gated serial inputs and an
asynchronous clear A low logic level at either input inhibits
entry of the new data and resets the first flip-flop to the low
level at the next clock pulse thus providing complete con-
trol over incoming data A high logic level on either input
enables the other input which will then determine the state
of the first flip-flop Data at the serial inputs may be changed
while the clock is high or low but only information meeting
the setup and hold time requirements will be entered Clock-
ing occurs on the low-to-high level transition of the clock
input All inputs are diode-clamped to minimize transmis-
sion-line effects
Features
Y
Gated (enabledisable) serial inputs
Y
Fully buffered clock and serial inputs
Y
Asynchronous clear
Y
Typical clock frequency 36 MHz
Y
Typical power dissipation 80 mW
Y
Alternate MilitaryAerospace device (54LS164) is avail-
able Contact a National Semiconductor Sales Office
Distributor for specifications
Connection Diagram
Dual-In-Line Package
TLF6398 – 1
Order Number 54LS164DMQB 54LS164FMQB
54LS164LMQB DM54LS164J DM54LS164W
DM74LS164M or DM74LS164N
See NS Package Number E20A
J14A M14A N14A or W14B
Function Table
Inputs
Outputs
Clear
Clock
A
B
QA
QB
QH
L
X
X
X
L
L
L
HL
X
X
QA0
QB0
QH0
H
u
H
HHQAn
QGn
H
u
LX
L
QAn
QGn
H
u
XL
L
QAn
QGn
H e High Level (steady state) L e Low Level (steady state)
X e Don’t Care (any input including transitions)
u e Transition from low to high level
QA0 QB0 QH0 e The level of QA QB orQH respectively before the
indicated steady-state input conditions were established
QAn QGn e The level of QA or QG before the most recent
u transition of
the clock indicates a one-bit shift
Logic Diagram
TLF6398 – 2
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54LS164

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54LS164 SS-54LS164 Datasheet
442Kb / 5P
Low Power Schottky Logic
54LS164 SS-54LS164 Datasheet
441Kb / 5P
Low Power Schottky Logic
54LS164 SS-54LS164 Datasheet
334Kb / 5P
Low Power Schottky Logic
Rev 1.0 24/11/17
54LS164 SS-54LS164_V01 Datasheet
334Kb / 5P
Low Power Schottky Logic
Rev 1.0 24/11/17
More results

Similar Description - 54LS164

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74164 FAIRCHILD-DM74164 Datasheet
48Kb / 4P
8-Bit Serial In/Parallel Out Shift Registers
logo
Hitachi Semiconductor
HD74LS164 HITACHI-HD74LS164 Datasheet
76Kb / 6P
8-Bit Parallel-Out Serial-In Shift Registers
logo
Intersil Corporation
CD54AC164 INTERSIL-CD54AC164 Datasheet
9Kb / 1P
8-Bit Serial-In/Parallel-Out Shift Registers
June 1997
logo
National Semiconductor ...
MM54HC166 NSC-MM54HC166 Datasheet
156Kb / 6P
8-Bit Parallel In/Serial Out Shift Registers
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Rev 2
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Rev 2
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com