Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2026 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP2026
Description  2.7V to 5.5V USB Power Control Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2026 Datasheet(HTML) 2 Page - Sipex Corporation

  SP2026 Datasheet HTML 1Page - Sipex Corporation SP2026 Datasheet HTML 2Page - Sipex Corporation SP2026 Datasheet HTML 3Page - Sipex Corporation SP2026 Datasheet HTML 4Page - Sipex Corporation SP2026 Datasheet HTML 5Page - Sipex Corporation SP2026 Datasheet HTML 6Page - Sipex Corporation SP2026 Datasheet HTML 7Page - Sipex Corporation SP2026 Datasheet HTML 8Page - Sipex Corporation SP2026 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Rev. 1/23/02
SP2026 +2.7V to +5.5V USB Power Control Switch
© Copyright 2002 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifica-
tions below is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods of time
may affect reliability.
Supply Voltage ..................................... -0.3V, +6.0V
Operating Temperature .................... -40˚C to +85˚C
Storage Temperature ..................... -65˚C to +150˚C
Power Dissipation Per Package
8-pin NSOIC
(derate 6.14mW/OC above+70OC) ................ 500mW
PARAMETER
MIN.
TYP.
MAX. UNITS CONDITIONS
Operating Voltage Range, VIN
2.7
5.5
V
Supply Current, IIN
0.75
5.0
µA
enable off, no output load
100
160
µA
enable on, no output load
Enable Input Threshold Voltage
1.7
2.4
V
low to high transition
0.8
1.45
V
high to low transition
Enable Input Current
-1.0
0.01
1.0
µAV
EN = 0V to 5.5V
Enable Input Capacitance
1
pF
Switch Resistance
90
140
m
Ω
VIN = 5V, IOUT = 500mA
100
170
m
Ω
VIN = 3.3V, IOUT = 500mA
Output Turn-On Delay
1.3
5.0
ms
RL =10
Ω each output, CL = 1µF
Output Turn-On Rise Time
1.15
4.9
ms
RL =10Ω each output, CL = 1µF
Output Turn-Off Delay
35
100
µsR
L =10Ω each output, CL = 1µF
Output Turn-Off Fall Time
32
100
µsR
L =10Ω each output, CL = 1µF
Output Leakage Current
10
µAV
ENX ≤ 0.8V
Current Limit Threshold
1.0
1.25
A
ramped load applied to output
Short Circuit Current Limit
0.5
0.9
1.25
A
each output, VOUT = 0V
Over-Temperature Shutdown
140
°C
temperature increasing each switch
Threshold
120
°C
temperature decreasing each switch
160
°C
temperature increasing both switches
150
°C
temperature decreasing both switches
Error Flag Output Resistance
10
25
Ω
VIN = 5V,IL =10mA
15
40
Ω
VIN = 3.3V,IL =10mA
Error Flag Off Current
10
µAV
FLAG = 5V
UVLO Threshold
2.2
2.4
2.7
V
VIN increasing, TMIN to TMAX
2.0
2.15
2.3
V
VIN decreasing TMIN to TMAX
Enable Input Hysteresis
250
mV
Off Current in Latched Thermal
50
During thermal shutdown state
Shutdown
Short Circuit Response Time
20
µsV
OUT = 0V to IOUT = 1 limit
Overcurrent Flag Response Delay
1.5
3.0
7.0
ms
VIN = 5V, apply VOUT = 0V until FLG low
3.0
ms
VIN = 3.3V, apply VOUT = 0V until FLG low
SPECIFICATIONS
Unless otherwise noted, the following specifications apply for VIN = +5.0V, TA = 25°C.
8-pin PDIP
(derate 11.8mW/OC above+70OC). ............. 1000mW
Fault Flag Voltage ............................................. +6V
Fault Flag Current ........................................... 25mA
Output Voltage .................................................. +6V
Output Current .............................. Internally Limited
Enable Input .................................. -0.3V to VIN +3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com