Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2026 Datasheet (PDF) - Sipex Corporation

SP2026 Datasheet PDF - Sipex Corporation
Part # SP2026
Download  SP2026 Download
File Size   164.32 Kbytes
Page   14 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 2.7V to 5.5V USB Power Control Switch

SP2026 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP2026 Datasheet PDF - Sipex Corporation

Part # SP2026
Download  SP2026 Click to download

File Size   164.32 Kbytes
Page   14 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 2.7V to 5.5V USB Power Control Switch

SP2026 Datasheet (HTML) - Sipex Corporation


SP2026 Product details

DESCRIPTION

The SP2026 is a dual +2.7V to +5.5V supervisory power control switch that is current limited to 1.25A and has thermal shutdown to protect itself and the load. A device is disabled in thermal shutdown until the excessive current load is removed, the appropriate enable pins are toggled, or the die temperature cools to 120°C. The undervoltage lockout feature disables the output switches until a valid input voltage, VIN = 2.4V, is present. Once a valid input voltage is present and the SP2026 is enabled, a 1ms soft start prevents momentary voltage drops caused by charging a capacitive load. The SP2026 has a low on resistance, 100mΩ, and supplies a 500mA minimum output current per switch. In overcurrent and thermal shutdown, error flags may be asserted for overtemperature.



■ Compliant to USB Specifications

■ +2.7V to +5.5V Input Voltage Range

■ Two Independent Power Switches

■ Two Error Flag Outputs, Open Drain

■ 2.4V Undervoltage Lockout

■ 500mA Minimum Continuous Load Current Per Switch

■ 1.25A Short Circuit Current Limit

■ 140mΩ Maximum On-Resistance

■ 100µA On-State Supply Current

■ 1µA Shutdown Current

■ Output Can Be Forced Higher Than Input (Off-State)

■ Thermal Shutdown

■ 1ms Soft-Start Power Up

■ Active-High Version: SP2026-1

■ Active-Low Version: SP2026-2



 




Similar Part No. - SP2026

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SP202 POLYFET-SP202 Datasheet
36Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
SeCoS Halbleitertechnol...
SP20200 SECOS-SP20200 Datasheet
309Kb / 2P
20.0 AMP Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SP20200 JINGHENG-SP20200 Datasheet
505Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SP20200 SHUNYE-SP20200 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
logo
PACELEADER INDUSTRIAL
SP20200C PACELEADER-SP20200C Datasheet
491Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Similar Description - SP2026

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2526 SIPEX-SP2526 Datasheet
203Kb / 18P
3.0V to 5.5V USB Power Control Switch
SP2525 SIPEX-SP2525 Datasheet
177Kb / 16P
3.0V to 5.5V USB Power Control Switch
SP2526 SIPEX-SP2526 Datasheet
193Kb / 18P
3.0V to 5.5V USB Power Control Switch
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
June 10, 2010
logo
Maxim Integrated Produc...
MAX4001EVKIT MAXIM-MAX4001EVKIT Datasheet
156Kb / 5P
2.7V to 5.5V Single-Supply Operation
Rev 0; 9/02
MAX17271EVKIT MAXIM-MAX17271EVKIT Datasheet
1Mb / 13P
2.7V to 5.5V, 1A DC power supply
Rev 1; 7/19
MAX17270EVKIT MAXIM-MAX17270EVKIT Datasheet
1,014Kb / 13P
2.7V to 5.5V, 1A DC power supply
Rev 0; 2/18
MAX2622EVKIT MAXIM-MAX2622EVKIT Datasheet
178Kb / 2P
2.7V to 5.5V Single-Supply Operation
Rev 1; 5/00
MAX20074EVKIT MAXIM-MAX20074EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
MAX20073EVKIT MAXIM-MAX20073EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com