Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2526 Datasheet (PDF) - Sipex Corporation

SP2526 Datasheet PDF - Sipex Corporation
Part # SP2526
Download  SP2526 Download
File Size   203.15 Kbytes
Page   18 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.0V to 5.5V USB Power Control Switch

SP2526 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP2526 Datasheet PDF - Sipex Corporation

Part # SP2526
Download  SP2526 Click to download

File Size   203.15 Kbytes
Page   18 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.0V to 5.5V USB Power Control Switch

SP2526 Datasheet (HTML) - Sipex Corporation


SP2526 Product details

DESCRIPTION

The SP2526 device is a dual +3.0V to +5.5V USB Supervisory Power Control Switch ideal for

self-powered and bus-powered Universal Serial Bus (USB) applications. Each switch has low

on-resistance (80mΩtypical) and can supply 500mA minimum. The fault currents are limited

to 2.0A typical and the flag output pin for each switch is available to indicate fault conditions

to the USB controller. The 1ms soft start will eliminate any momentary voltage droop on the

upstream port that may occur when the switch is enabled in bus-powered applications. The

thermal shutdown feature will prevent damage to the device when subjected to excessive

current loads. The undervoltage lockout feature will ensure that the device will remain off

unless there is a valid input voltage present.



■ Compliant to USB Specifications

■ +3.0V to +5.5V Input Voltage Range

■ Two Independent Power Switches

■ Two Error Flag Outputs, Open Drain

■ 2.7V Undervoltage Lockout

■ 500mA Minimum Continuous Load Current Per Switch

■ 1.25A Short Circuit Current Limit

■ 140mΩMaximum On-Resistance

■ 80µA On-State Supply Current

■ 1µA Shutdown Current

■ Output Can Be Forced Higher Than Input (Off-State)

■ Thermal Shutdown

■ 1ms Soft-Start Power Up

■ Active-High Version: SP2526-1

■ Active-Low Version: SP2526-2




Similar Part No. - SP2526

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2526 SIPEX-SP2526 Datasheet
193Kb / 18P
3.0V to 5.5V USB Power Control Switch
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
Low ESR Cap. Compatible Positive Voltage Regulators
logo
Sipex Corporation
SP2526-1 SIPEX-SP2526-1 Datasheet
118Kb / 8P
Evaluation Board Manual
SP2526-1EN SIPEX-SP2526-1EN Datasheet
193Kb / 18P
3.0V to 5.5V USB Power Control Switch
SP2526-1EN/TR SIPEX-SP2526-1EN/TR Datasheet
193Kb / 18P
3.0V to 5.5V USB Power Control Switch
More results


Similar Description - SP2526

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2026 SIPEX-SP2026 Datasheet
164Kb / 14P
2.7V to 5.5V USB Power Control Switch
SP2525 SIPEX-SP2525 Datasheet
177Kb / 16P
3.0V to 5.5V USB Power Control Switch
SP2526 SIPEX-SP2526 Datasheet
193Kb / 18P
3.0V to 5.5V USB Power Control Switch
logo
List of Unclassifed Man...
HI-4850 ETC2-HI-4850 Datasheet
1Mb / 14P
Extended Power Supply Operating Range 3.0V to 5.5V
HI-4853 ETC2-HI-4853 Datasheet
1Mb / 14P
Extended Power Supply Operating Range 3.0V to 5.5V
logo
Maxim Integrated Produc...
MAX20014EVKIT MAXIM-MAX20014EVKIT Datasheet
106Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
MAX3162EVKIT MAXIM-MAX3162EVKIT Datasheet
896Kb / 6P
3.0V to 5.5V Single-Supply Operation
2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com