Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2526 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP2526
Description  3.0V to 5.5V USB Power Control Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2526 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP2526 Datasheet HTML 2Page - Sipex Corporation SP2526 Datasheet HTML 3Page - Sipex Corporation SP2526 Datasheet HTML 4Page - Sipex Corporation SP2526 Datasheet HTML 5Page - Sipex Corporation SP2526 Datasheet HTML 6Page - Sipex Corporation SP2526 Datasheet HTML 7Page - Sipex Corporation SP2526 Datasheet HTML 8Page - Sipex Corporation SP2526 Datasheet HTML 9Page - Sipex Corporation SP2526 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Rev. 8/21/01
SP2526 +3.0V to +5.5V USB Power Control Switch
© Copyright 2001 Sipex Corporation
Figure 2. Test Circuit for the SP2526
Figure 3. Typical Application Circuit for the SP2526
6 GND
SP2526
1 ENA
2 FLGA
3 FLGB
4 ENB
8
IN
5
100k
Ω
VIN
C
L
R
L
I
LOAD*
Ferrite
Bead
Ferrite
Bead
100k
Ω
7
OUTA
OUTB
0.1
µF
*For current limit response characteristics
6 GND
SP2526
1 ENA
2 FLGA
3 FLGB
4 ENB
8
7
IN
5
100k
Ω
C
L
Ferrite
Bead
Ferrite
Bead
100k
Ω
V
BUS
D+
D-
GND
D+
D-
SP5301
C
L
Ferrite
Bead
Ferrite
Bead
V
BUS
D+
D-
GND
D+
D-
SP5301
USB
Controller
USB
Port 1
USB
Port 2
OUTA
OUTB
VIN
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com