Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2526 Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP2526
Description  3.0V to 5.5V USB Power Control Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2526 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP2526 Datasheet HTML 10Page - Sipex Corporation SP2526 Datasheet HTML 11Page - Sipex Corporation SP2526 Datasheet HTML 12Page - Sipex Corporation SP2526 Datasheet HTML 13Page - Sipex Corporation SP2526 Datasheet HTML 14Page - Sipex Corporation SP2526 Datasheet HTML 15Page - Sipex Corporation SP2526 Datasheet HTML 16Page - Sipex Corporation SP2526 Datasheet HTML 17Page - Sipex Corporation SP2526 Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
Rev. 8/21/01
SP2526 +3.0V to +5.5V USB Power Control Switch
© Copyright 2001 Sipex Corporation
Figure 20. Turn-on/Turn-off Characteristics where R
L =
35
Ω and C
L = 150µF
Figure 21. Short Circuit Response (Enable into Short
Circuit)
Figure 22. Short Circuit Response (Short Applied To
Output)
Figure 23. Short Circuit Transient Response (Short
Applied To Output)
PERFORMANCE CHARACTERISTICS (continued)
V
IN = +5.0V, single MOSFET switch section, and TAMB = +25
OC unless otherwise noted.
200mA/ Div
R
L = 35Ω
C
L = 150µF
SP2526 Rev B
EN
FLAG
V
OUT
I
OUT
EN
FLAG
I
OUT
V
OUT
0.5A/DIV
SP2526 Rev B
I
OUT
V
OUT
FLAG
1A/DIV
2A/DIV
I
OUT
V
OUT
FLAG
SP2526 Rev B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com