Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2526 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP2526
Description  3.0V to 5.5V USB Power Control Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2526 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP2526 Datasheet HTML 9Page - Sipex Corporation SP2526 Datasheet HTML 10Page - Sipex Corporation SP2526 Datasheet HTML 11Page - Sipex Corporation SP2526 Datasheet HTML 12Page - Sipex Corporation SP2526 Datasheet HTML 13Page - Sipex Corporation SP2526 Datasheet HTML 14Page - Sipex Corporation SP2526 Datasheet HTML 15Page - Sipex Corporation SP2526 Datasheet HTML 16Page - Sipex Corporation SP2526 Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Rev. 8/21/01
SP2526 +3.0V to +5.5V USB Power Control Switch
© Copyright 2001 Sipex Corporation
Figure 16. Control Threshold vs. Temperature
Figure 17. Input Voltage Response
Figure 18. Current-Limit Response With a Ramped
Load
Figure 19. Turn-on/Turn-off Characteristics Where
R
L= 35Ω and CL = 10µF
PERFORMANCE CHARACTERISTICS (continued)
V
IN = +5.0V, single MOSFET switch section, and TAMB = +25
OC unless otherwise noted.
V
IN
V
OUT
I
OUT
FLAG
200mA/Div
SP2526 Rev B
C
L = 10µF
R
L = 35Ω
FLAG
V
OUT
I
OUT
I
OUT
V
OUT
FLAG
EN
R
L 35Ω
C
L = 10µF
Enable Threshold Voltage
vs. Temperature
1.5
1.7
1.9
2.1
2.3
2.5
-40
-20
0
20
40
60
80
100
Temperature (°C)
Vcc=5V
Enable Voltage Rising
Enable Voltage Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com