Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2526 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP2526
Description  3.0V to 5.5V USB Power Control Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2526 Datasheet(HTML) 3 Page - Sipex Corporation

  SP2526 Datasheet HTML 1Page - Sipex Corporation SP2526 Datasheet HTML 2Page - Sipex Corporation SP2526 Datasheet HTML 3Page - Sipex Corporation SP2526 Datasheet HTML 4Page - Sipex Corporation SP2526 Datasheet HTML 5Page - Sipex Corporation SP2526 Datasheet HTML 6Page - Sipex Corporation SP2526 Datasheet HTML 7Page - Sipex Corporation SP2526 Datasheet HTML 8Page - Sipex Corporation SP2526 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Rev. 8/21/01
SP2526 +3.0V to +5.5V USB Power Control Switch
© Copyright 2001 Sipex Corporation
PIN ASSIGNMENTS
Pin 1 — ENA — Enable Input for MOSFET
Switch A. This input pin is active high for the
SP2526-1 and active low for the SP2526-2.
Pin 2 — FLGA — Fault Flag Output for Switch
Channel A. This open drain output pin pulls
low to indicate overcurrent, undervoltage
lockout, and thermal shutdown conditions.
Pin 3 — FLGB — Fault Flag Output for Switch
Channel B. This open drain output pin pulls
low to indicate overcurrent, undervoltage
lockout, and thermal shutdown conditions.
Pin 4 — ENB — Enable Input for MOSFET
Switch B. This input pin is active high for the
SP2526-1 and active low for the SP2526-2.
.
Pin 5 — OUTA — Output for MOSFET Switch
Channel A. This is the output pin of the
MOSFET source of channel A, typically
connected to the switched side of the load.
Pin 6 — GND — Ground reference. Supply
return.
Pin 7 — IN — Supply Input. This input pin is
connected to the MOSFET drain of both
switches. Connect +3.0V to +5.5V to this
input pin. The voltage at this input pin also
supplies the internal circuitry.
Pin 8 — OUTB — Output for MOSFET Switch
Channel B. This is the output pin of the
MOSFET source of channel B, typically con-
nected to the switched side of the load.
ENA
GND
OUTA
FLGA
FLGB
OUTB
IN
ENB
SP2526
8
7
4
3
2
1
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com