Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2526 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP2526
Description  3.0V to 5.5V USB Power Control Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2526 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP2526 Datasheet HTML 4Page - Sipex Corporation SP2526 Datasheet HTML 5Page - Sipex Corporation SP2526 Datasheet HTML 6Page - Sipex Corporation SP2526 Datasheet HTML 7Page - Sipex Corporation SP2526 Datasheet HTML 8Page - Sipex Corporation SP2526 Datasheet HTML 9Page - Sipex Corporation SP2526 Datasheet HTML 10Page - Sipex Corporation SP2526 Datasheet HTML 11Page - Sipex Corporation SP2526 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Rev. 8/21/01
SP2526 +3.0V to +5.5V USB Power Control Switch
© Copyright 2001 Sipex Corporation
tively, a 1ms debounce routine may be pro-
grammed into the USB logic controller, elimi-
nating the need for the RC filter.
Soft Start Condition
The soft start feature of the SP2526 is imple-
mented by holding the output turn-on rise time
to 1ms. When off, the device has high imped-
ance MOSFET channels that slowly become
low impedance as the device powers on. This
prevents an inrush current from causing voltage
drops that result from charging a capacitive
load and can pull the USB voltage bus below
specified levels. This satisfies the USB voltage
droop requirements for bus-powered applica-
tions. Refer to the circuit in Figure 6.
The SP2526 can provide inrush current limiting
for applications with large load capacitances
where C
BULK > 10µF.
Refer to the circuit in
Figure 7 for a configuration that will meet USB
transient regulation specifications with large
load capacitances.
Enable Input
The ENA and ENB control pins must be driven
to a logic high or logic low for a clearly defined
signal input. Floating these control lines may
cause unpredictable operation.
USB Compliance
The SP2526 is ideal for self-powered and bus-
powered Universal Serial Bus (USB) applica-
tions. A USB port provides a +5.0V bus and
ground return line in addition to a twisted pair
for data.
The SP2526 will comply with the following
USB requirements:
1) The fault current is well below the UL 25VA
safety requirements;
2) The Flag Outputs are available to indicate
fault conditions to USB controllers;
3) The MOSFET switches' low on-resistance
meets USB voltage drop requirements;
4) Each MOSFET switch channel can supply
500mA as required by USB downstream devices;
5) Soft start eliminates any momentary voltage
drops on the upstream port that may occur when
the switches are enabled in bus-powered applica-
tions.
Refer to Table 1 for a USB compliance summary
of the SP2526. Additional features include the
following:
6) An Undervoltage Lockout ensures that the
device remains off unless there is a valid input
supply voltage present;
7) +3.3V and +5.0V logic compatible enable
inputs;
8) Thermal Shutdown prevents the possiblity of
catastrophic switch failure from high-current
loads;
8) The device is available in both active-high and
active-low versions.
Refer to Figures 8 to 26 for typical performance
characteristics of the SP2526.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com