Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-080 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # DS-080
Description  5th Gen. Intel짰 Core??i5/Celeron짰 Ultra-slim Digital Signage Player
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DS-080 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  DS-080 Datasheet HTML 1Page - Advantech Co., Ltd. DS-080 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Digital Signage Player
Features
DS-080
5th Gen. Intel® Core™ i5/Celeron®
Ultra-slim Digital Signage Player
ƒ Power by 5th Generation Intel® Core™ i5-5350U/5200U/Celeron® 3765U
processors
ƒ 19mm-thin chassis ideal for space-limited installation
ƒ Dual HDMI display output, resolution up to 3840 x 2160 UHD
ƒ Fanless & Cable-less design for easy maintenance
ƒ Highly expandable via internal Mini-PCIe interface (M-SATA compliant)
ƒ Supports WISE-PaaS/RMM and Embedded Software APIs
ƒ Supports WebAccess/IMM for intuitive signage content managing, remote
monitoring and control
Introducton
Measuring at 19 mm thick, DS-080 is the world’s slimmest digital signage player powered by 5th generation Intel® Core™ i5/Celeron processors. This thin-and-powerful signage
player is equipped with 2x HDMI display which is capable to achieve up to 3840 x 2160 UHD resolution, and delivers a premium visual experience when graphics performance really
matters. Windows® Embedded OS, Linux are supported, with iManager preloaded, and Advantech WebAccess/IMM, Web-based content management software, is also free on offer.
We’ve designed the DS-080 in the smallest possible form factor, for optimized performance.
Specifications
Processor system
Processor
Intel Core i5-5350U/Core i5-5200U/Celeron 3765U
PCH chipset
Integrated in SOC
BIOS
AMI uEFI 128 Mbit
Memory
Technology
DDR3L 1600MHz
Max. Capacity
8GB per SO-DIMM
Socket
2 x 204pin SODIMM
Thermal Solution
Fanless
Display
Graphics Engine
Intel Integrated HD 6000 (Core i5-5350U)
Intel Integrated HD 5500 (Core i5-5200U)
Intel Integrated HD Graphics (Celeron 3765U)
Output
HDMI x 2
Resolution
3840 x 2160 @ 30Hz (Core i5-5350U/5200U)
1920 x 1080 @ 60Hz (Celeron 3765U)
Ethernet
Interface
Gigabit LAN Controller
Controller
Intel I211 x 1
Intel I218 x 1
Connector
2 x RJ-45
I/O Interfaces
Audio
1 (SPDIF/Line-out/ Mic-in), support Jack Sense
LAN
2 (RJ-45)
HDMI
2
USB 3.0
4
Serial Port
1 x RS-232/RS-422/RS-485 or 2 x RS-422/RS-485 with extension cable (w/o auto flow control in RS485 mode)
Mini-PCIe (Internal)
1 (Full-size)
PSW
1 x Power on/off button
LED Indicators
1 x Power, 1 x HDD Access
Storage
SATA
1 x 2.5-inch SATA III HDD/SSD (7 mm height)
mSATA
1 x Full-size
Power Requirement
Power Management
ACPI 3.0
Input Voltage
19 V DC-in (ATX/AT mode)
Watchdog Timer
Output
Interrupt, system reset
Interval
255-level timer interval, setup by software
Physical Characteristics
Mounting
Easy mounting kits for LCD or Plasma
Dimensions
(W x D x H)
180 x 190 x 19 mm
Weight
0.87 kg (1.92 lb)
Environment
Operating Temperature
0 ~ 40° C (32 ~ 104F) with 0.7 m/s airflow
Relative Humidity
95% @ 40° C (non-condensing), operating
Software Development Kit
Operating System
Supports Microsoft Windows 8, Windows 7
Linux
supported by project
Certifications
EMC
CE,FCC Class B,CCC,BSMI
Safety
UL,CB,CCC,BSMI
Preliminary
All product specifications are subject to change without notice
Last updated : 26-Oct-2015


Similar Part No. - DS-080

ManufacturerPart #DatasheetDescription
logo
C&K Components
DS-080 CK-COMPONENTS-DS-080 Datasheet
396Kb / 4P
Detect Switch
10 Mar 22
DS-080-CPA CK-COMPONENTS-DS-080-CPA Datasheet
396Kb / 4P
Detect Switch
10 Mar 22
More results

Similar Description - DS-080

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DS-370 ADVANTECH-DS-370 Datasheet
1Mb / 2P
Intel짰 Celeron짰 Quad Core J1900 Fanless Digital Signage Player
DS-060SERIES ADVANTECH-DS-060SERIES_14 Datasheet
934Kb / 2P
Ultra-slim 3rd Generation Intel짰 Core??i7/Celeron짰/Atom??Digital Signage Platform
DS-370 ADVANTECH-DS-370_15 Datasheet
1Mb / 2P
Intel짰 Celeron짰 Quad Core J1900 Fanless Digital Signage Player
logo
List of Unclassifed Man...
LEC-7388S ETC2-LEC-7388S Datasheet
200Kb / 2P
High Performance Digital Signage System with Intel짰 Core??i3,i5, Celeron짰 CPU
logo
Axiomtek Co., Ltd.
CAPA880 AXIOMTEK-CAPA880 Datasheet
285Kb / 1P
LGA1150 socket 4th gen Intel짰 Core??i7/i5/i3 & Celeron짰 processor
OPS500-501-1101620 AXIOMTEK-OPS500-501-1101620 Datasheet
292Kb / 2P
Open Pluggable Specification (OPS) Digital Signage Player with 6th/7th Gen Intel짰 Core??i7/i5/i3 & Celeron짰 Processor, Intel짰 Q170 and AMT 11.0
DSB550-880 AXIOMTEK-DSB550-880_17 Datasheet
224Kb / 1P
High Performance Digital Signage Player with 4th Gen Intel Core i5/i3 Processor
OPS882-HM AXIOMTEK-OPS882-HM_17 Datasheet
328Kb / 1P
IPSS/OPS Digital Signage Player with 4th Gen Intel Core i5 Processor
logo
Advantech Co., Ltd.
DS-066 ADVANTECH-DS-066 Datasheet
646Kb / 2P
Intel® Celeron® J1900 Quad-Core Ultra-slim Fanless Digital Signage Player
13-Sep-2022
DS-081 ADVANTECH-DS-081 Datasheet
526Kb / 2P
Ultra-slim Fanless Digital Signage Player
13-Sep-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com