Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-080 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # DS-080
Description  5th Gen. Intel짰 Core??i5/Celeron짰 Ultra-slim Digital Signage Player
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DS-080 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  DS-080 Datasheet HTML 1Page - Advantech Co., Ltd. DS-080 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
DS-080
External I/O
Front
Back
Packing List
Part Number
Description
-
1 x DS-080 Unit
-
1 x 19V Power adapter
-
1 x China RoHS
-
2 x Wall Mount Brackets
-
1 X VESA Mounting Plate
Power Cord
Part Number
Description
1700001524
3-pin power cord (US)
170203183C
3-pin power cord (EU)
170203180A
3-pin power cord (UK)
1700008921
3-pin power cord with PSE (Japan)
1700019146
3-pin power cord (CCC)
180 [7.09]
194.40 [7.65]
204.90 [8.07]
212.40 [8.36]
247.40 [9.74]
14 [0.55]
2.50 [0.10]
22.40 [0.88]
8 [0.31]
3 [0.12]
Mesh Holes
Mesh Holes
Ø4
[0.16]
5.25 [0.21]
5 [0.20]
12 [0.47]
R1.75
[0.07]
R3.50
[0.14]
HDMI x 2
LAN x 2
USB 3.0 x 2
HDD Indicator
PWR SW
USB 3.0 x 2
PWR Indicator
DC-in (19V)
COM
SPDIF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com