Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WISE-PAAS Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # WISE-PAAS
Description  IoT Device Remote Monitoring and Management Platform
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WISE-PAAS Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  WISE-PAAS Datasheet HTML 1Page - Advantech Co., Ltd. WISE-PAAS Datasheet HTML 2Page - Advantech Co., Ltd. WISE-PAAS Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Minimum Requirements
Web Console
Web browser that supports HTML5+CSS3+Javascript
ƒ Microsoft Internet Explorer
- Device Management: IE8+
- Dashboard: IE10+
ƒ Google Chrome : 9.0+
ƒ Firefox: 15.0+
ƒ Safari: 5.1+
Note:
Cookies must be enabled; Accept Cookies per session must be enabled (Accept all Cookies
or only accept Cookies from this server)
Browser must support HTTPS (SSL)
Server
Hardware Minimum Requirement:
ƒ Intel® Core™ i3 2.3 Ghz CPU or above
ƒ 4 GB RAM
ƒ 25 GB root partition for the system
ƒ 100 GB data storage partition for documents and indexing
Operating System:
ƒ Windows Server 2008/2008 R2 64-bit (Recommended and fully tested)
ƒ Windows Server 2012/2012 R2 64-bit (Recommended and fully tested)
ƒ Windows 10 64-bit
ƒ Windows 8/8.1 64-bit
ƒ Windows 7 SP1 64-bit
Database:
ƒ RDBMS: PostgreSQL 9.2
ƒ NoSQL DB: MongoDB 3.0.6
Web Server: Tomcat 7.x
Agent
Hardware:
ƒ Advantech HW with SUSI 3.02/4.0 support; SUSI API is required for HWM
(Hardware Monitoring Management) function to work normally.
Operation System:
ƒ Windows Server 2012/2012 R2 64-bit (Limited support for System Protection/
Recovery)
ƒ Windows Server 2008 32-bit/64-bit (Limited support for System Protection/
Recovery)
ƒ Windows Server 2008 R2 64-bit (Limited support for System Protection/Recovery)
ƒ Windows 10 32-bit/64-bit
ƒ Windows IoT Core 32-bit (TBD)
ƒ Windows 8/8.1 32-bit/64-bit
ƒ Windows 7 SP1 32-bit/64-bit
ƒ Windows XP SP3 32-bit
ƒ CentOS 6.5 32-bit
ƒ Others by request
Order Information
Standard Version (fully bundled with Advantech platforms)*
ƒ
968EMLSAP2
WISE-PaaS/RMM Standard Version
*Please confirm with your Advantech contact for availability.
Professional Version*
ƒ
32EMRMP31B
WISE-PaaS/RMM Pro (Max. 10 Agents)
ƒ
32EMRMP31C
WISE-PaaS/RMM Pro (Max. 50 Agents)
ƒ
32EMRMP31D
WISE-PaaS/RMM Pro (Max. 200 Agents)
ƒ
32EMRMP31E
WISE-PaaS/RMM Pro (Site License)
*Professional version license is charged by amount of connected agents, with different
price levels depending on maximum agents to be connected.
WISE-PaaS/RMM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com