Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WISE-PAAS Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # WISE-PAAS
Description  IoT Device Remote Monitoring and Management Platform
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

WISE-PAAS Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  WISE-PAAS Datasheet HTML 1Page - Advantech Co., Ltd. WISE-PAAS Datasheet HTML 2Page - Advantech Co., Ltd. WISE-PAAS Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
WISE-PaaS/RMM
Software Specifications and Versions:
ƒ
Max. concurrent device connections: 1000
ƒ
Max. levels of server hierarchy: 3 (including Root server)
ƒ
Max. sub-server amount at each level: unlimited
ƒ
Max. redundant server candidate amount: 2
ƒ
Max. message handling: 3000m/s, < 1KB
Standard Version
Professional Version
Device Management
IPC Device Management
Gateway/Sensor Management
Read-only; unable to set sensor value
Group View
Map View
HW Status Monitoring & Rule Setting
*
*
SW Process Monitoring & Rule Setting
**
**
Data Auto Report
ƒ Only keeps historic data for 30 days
ƒ No support for RESTful API query
(Actual data storage amount is subject to HDD capacity)
Dashboard
Widgets will be discarded after the browser is closed
Hierarchical Server
Only 1 level of sub-server and only 1 sub-server is supported
ƒ 2 levels of sub-server supported
ƒ No sub-server amount limitation at each layer
Server Redundancy
N/A
Supports at most 2 redundant servers
Remote KVM**
Remote KVM
Terminal Mode
Intel AMT Integration
Screenshot
Power Management**
Remote On/Off
Hibernate
Power On/Off Scheduling
System Protection**
McAfee White List Protection
System Recovery**
Acronis Backup/Recovery
Backup/Recovery Scheduling
Hot-Key Recovery
Notification Center
Event Log
Email Notification
SMS Notification
Management Interface
Account/Role management
Mobile Mode
Web-Based Console
Others
RESTful API Web Service
WISE Agent SDK
N/A
*HW status includes CPU/system temperature, fan speed, voltage, CPU/memory usage, system information, HDD monitoring, depending on HW capability.
**Support depends on device type, OS and account permission.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com