Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP3220
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP3220 Datasheet HTML 8Page - Sipex Corporation SP3220 Datasheet HTML 9Page - Sipex Corporation SP3220 Datasheet HTML 10Page - Sipex Corporation SP3220 Datasheet HTML 11Page - Sipex Corporation SP3220 Datasheet HTML 12Page - Sipex Corporation SP3220 Datasheet HTML 13Page - Sipex Corporation SP3220 Datasheet HTML 14Page - Sipex Corporation SP3220 Datasheet HTML 15Page - Sipex Corporation SP3220 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Rev. 6/25/03
SP3220 True +3.0 to +5.0V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
D
EH
PACKAGE: PLASTIC SHRINK
SMALL OUTLINE
(SSOP)
DIMENSIONS (Inches)
Minimum/Maximum
(mm)
20–PIN
A
A1
Ø
L
B
e
A
A1
B
D
E
e
H
L
Ø
0.068/0.078
(1.73/1.99)
0.002/0.008
(0.05/0.21)
0.010/0.015
(0.25/0.38)
0.278/0.289
(7.07/7.33)
0.205/0.212
(5.20/5.38)
0.0256 BSC
(0.65 BSC)
0.301/0.311
(7.65/7.90)
0.022/0.037
(0.55/0.95)
0°/8°
(0°/8°)
24–PIN
0.068/0.078
(1.73/1.99)
0.002/0.008
(0.05/0.21)
0.010/0.015
(0.25/0.38)
0.317/0.328
(8.07/8.33)
0.205/0.212
(5.20/5.38)
0.0256 BSC
(0.65 BSC)
0.301/0.311
(7.65/7.90)
0.022/0.037
(0.55/0.95)
0°/8°
(0°/8°)
28–PIN
0.068/0.078
(1.73/1.99)
0.002/0.008
(0.05/0.21)
0.010/0.015
(0.25/0.38)
0.397/0.407
(10.07/10.33)
0.205/0.212
(5.20/5.38)
0.0256 BSC
(0.65 BSC)
0.301/0.311
(7.65/7.90)
0.022/0.037
(0.55/0.95)
0°/8°
(0°/8°)
16–PIN
0.068/0.078
(1.73/1.99)
0.002/0.008
(0.05/0.21)
0.010/0.015
(0.25/0.38)
0.239/0.249
(6.07/6.33)
0.205/0.212
(5.20/5.38)
0.0256 BSC
(0.65 BSC)
0.301/0.311
(7.65/7.90)
0.022/0.037
(0.55/0.95)
0°/8°
(0°/8°)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com