Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP211ECA Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP211ECA
Description  5V High Performance RS232 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP211ECA Datasheet(HTML) 1 Page - Sipex Corporation

  SP211ECA Datasheet HTML 1Page - Sipex Corporation SP211ECA Datasheet HTML 2Page - Sipex Corporation SP211ECA Datasheet HTML 3Page - Sipex Corporation SP211ECA Datasheet HTML 4Page - Sipex Corporation SP211ECA Datasheet HTML 5Page - Sipex Corporation SP211ECA Datasheet HTML 6Page - Sipex Corporation SP211ECA Datasheet HTML 7Page - Sipex Corporation SP211ECA Datasheet HTML 8Page - Sipex Corporation SP211ECA Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
SP207EDS/09
SP207E Series High Performance Transceivers
© Copyright 2000 Sipex Corporation
SP207E–SP213E
+5V High Performance RS232 Transceivers
s Single +5V Supply Operation
s 0.1
µF External Charge Pump Capacitors
s Typical 230kbps Transmission Rates
s Standard SOIC and SSOP Packages
s Lower Supply Current Than Competition
(typical 3mA)
s 1
µA Shutdown Mode
s WakeUp Feature in Shutdown Mode
s Tri–State Receiver Outputs
s Meets All EIA-232 and ITU V.28
Specifications
s Improved ESD Specifications:
+15kV Human Body Model
+15kV IEC1000-4-2 Air Discharge
+8kV IEC1000-4-2 Contact Discharge
Number of RS232
No. of Receivers
No. of External
Model
Drivers
Receivers
Active in Shutdown 0.1
µF Capacitors Shutdown WakeUp TTL Tri–State
SP207E
53
0
4
No
No
No
SP208E
44
0
4
No
No
No
SP211E
4
5
0
4
Yes
No
Yes
SP213E
4
5
2
4
Yes
Yes
Yes
Table 1. Model Selection Table
DESCRIPTION
The SP200E Series are enhanced multi–channel RS-232 line transceivers with improved
electrical performance. The SP200E family is pin-to-pin compatible with our previous SP200
family as well as popular industry standards. As with the orignal SP200 family, all models in this
Series feature low–power CMOS construction and Sipex–patented (5,306,954) on-board
charge pump circuitry to generate the
±10V RS-232 voltage levels, using 0.1µF charge pump
capacitors to save board space and reduce circuit cost. The SP211E and SP213E models feature
a low–power shutdown mode, which reduces power supply drain to 1
µA. Enhancements include
lower power supply current at 3mA typical (no load) and superior ESD performance. The ESD
tolerance has been improved on this family to over
±15kV for both Human Body Model and
IEC1000-4-2 Air Discharge test methods.
®


Similar Part No. - SP211ECA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP211ECA SIPEX-SP211ECA Datasheet
160Kb / 16P
5V High Performance RS232 Transceivers
logo
Exar Corporation
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
More results

Similar Description - SP211ECA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
5V High Performance RS232 Transceivers
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
logo
Linear Technology
LTC1321 LINER-LTC1321 Datasheet
454Kb / 20P
RS232/EIA562/RS485 Transceivers
logo
Sipex Corporation
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
logo
List of Unclassifed Man...
AM29861 ETC1-AM29861 Datasheet
293Kb / 7P
High Performance Bus Transceivers
logo
Linear Technology
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
RS232/EIA562/RS485 Transceivers
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
RS232/EIA562/RS485 Transceivers
logo
Exar Corporation
SP213ECA-L-TR EXAR-SP213ECA-L-TR Datasheet
212Kb / 17P
High Speed 5V High Performance RS232 Transceivers
SP213EHCA-L-TR EXAR-SP213EHCA-L-TR Datasheet
212Kb / 17P
High Speed 5V High Performance RS232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com