Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP211ECT Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP211ECT
Description  5V High Performance RS232 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP211ECT Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP211ECT Datasheet HTML 8Page - Sipex Corporation SP211ECT Datasheet HTML 9Page - Sipex Corporation SP211ECT Datasheet HTML 10Page - Sipex Corporation SP211ECT Datasheet HTML 11Page - Sipex Corporation SP211ECT Datasheet HTML 12Page - Sipex Corporation SP211ECT Datasheet HTML 13Page - Sipex Corporation SP211ECT Datasheet HTML 14Page - Sipex Corporation SP211ECT Datasheet HTML 15Page - Sipex Corporation SP211ECT Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SP207EDS/09
SP207E Series High Performance RS232 Transceivers
© Copyright 2000 Sipex Corporation
12
TYPICAL APPLICATION CIRCUITS...SP207E TO SP213E
T1 IN
+5V INPUT
400KOHM
T1 OUT
0.1µF
6.3V
0.1µF
6.3V
0.1µF
16V
0.1µF
16V
0.1µF
6.3V
+
+
+
+
C1 +
C1 –
C2 +
C2 –
V +
V –
VCC
T2 IN
400KOHM
T2 OUT
T3 IN
400KOHM
T3 OUT
T4 IN
400KOHM
T4 OUT
R1 OUT
R1 IN
10
12
13
14
7
6
18
19
17
9
11
15
2
3
1
24
4
SP207E
T1
T2
T3
T4
8
GND
R2 OUT
R2 IN
5
23
R3 OUT
R3 IN
22
16
R1
R2
R3
5KOHM
5KOHM
5KOHM
T5 IN
400KOHM
T5 OUT
21
20
T5
T1 IN
+5V INPUT
400KOHM
T1 OUT
0.1µF
6.3V
0.1µF
6.3V
0.1µF
16V
0.1µF
16V
0.1µF
6.3V
+
+
+
+
C1 +
C1 –
C2 +
C2 –
V +
V –
VCC
T2 IN
400KOHM
T2 OUT
T3 IN
400KOHM
T3 OUT
T4 IN
400KOHM
T4 OUT
R1 OUT
R1 IN
10
12
13
14
5
18
19
21
6
9
11
15
2
1
24
20
7
SP208E
T1
T2
T3
T4
8
GND
R2 OUT
R2 IN
43
R3 OUT
R3 IN
22
23
R1
R2
R3
5KOHM
5KOHM
5KOHM
R4 OUT
R4 IN
17
16
R4
5KOHM
T1 IN
+5V INPUT
400KOHM
T1 OUT
0.1µF
6.3V
0.1µF
6.3V
0.1µF
16V
0.1µF
16V
0.1µF
6.3V
+
+
+
+
C1 +
C1 –
C2 +
C2 –
V +
V –
VCC
T2 IN
400KOHM
T2 OUT
T3 IN
400KOHM
T3 OUT
T4 IN
400KOHM
T4 OUT
R1 OUT
R1 IN
EN
12
14
15
16
7
6
20
21
8
24
11
13
17
2
3
1
28
9
SP213E
T1
T2
T3
T4
10
GND
R2 OUT
R2 IN
54
R3 OUT
R3 IN
26
27
R2
R3
5KOHM
5KOHM
5KOHM
R4 OUT*
R4IN*
22
23
R4
5KOHM
R5 OUT*
R5 IN*
19
18
R5
5KOHM
SD
*Receivers active during shutdown
25
R1
T1 IN
+5V INPUT
400KOHM
T1 OUT
0.1µF
6.3V
0.1µF
6.3V
0.1µF
16V
0.1µF
16V
0.1µF
6.3V
+
+
+
+
C1 +
C1 –
C2 +
C2 –
V +
V –
VCC
T2 IN
400KOHM
T2 OUT
T3 IN
400KOHM
T3 OUT
T4 IN
400KOHM
T4 OUT
R1 OUT
R1 IN
EN
12
14
15
16
7
6
20
21
8
24
11
13
17
2
3
1
28
9
SP211E
T1
T2
T3
T4
10
GND
R2 OUT
R2 IN
54
R3 OUT
R3 IN
26
27
R2
R3
5KOHM
5KOHM
5KOHM
R4 OUT
R4IN
22
23
R4
5KOHM
R5 OUT
R5 IN
19
18
R5
5KOHM
SD
25
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com