Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP211ECT Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP211ECT
Description  5V High Performance RS232 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP211ECT Datasheet(HTML) 3 Page - Sipex Corporation

  SP211ECT Datasheet HTML 1Page - Sipex Corporation SP211ECT Datasheet HTML 2Page - Sipex Corporation SP211ECT Datasheet HTML 3Page - Sipex Corporation SP211ECT Datasheet HTML 4Page - Sipex Corporation SP211ECT Datasheet HTML 5Page - Sipex Corporation SP211ECT Datasheet HTML 6Page - Sipex Corporation SP211ECT Datasheet HTML 7Page - Sipex Corporation SP211ECT Datasheet HTML 8Page - Sipex Corporation SP211ECT Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
SP207EDS/09
SP207E Series High Performance Transceivers
© Copyright 2000 Sipex Corporation
Transmitter Output @ 120kbps
R
L=3KΩ, CL=2,500pF
Transmitter Output @ 120kbps
R
L=3KΩ, CL=1,000pF
Transmitter Output @ 240kbps
R
L=3KΩ, CL=1,000pF
Transmitter Output @ 240kbps
R
L=3KΩ, CL=2,500pF
SPECIFICATIONS
V
CC at nominal ratings; 0.1µF charge pump capacitors; TMIN to TMAX, unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
POWER REQUIREMENTS
V
CC
SP207
4.75
5.00
5.25
Volts
All other parts
4.50
5.00
5.50
Volts
I
CC
T
A = +25°C
3
6
mA
No load; V
CC = ±10%
15
mA
All transmitters R
L = 3KΩ
Shutdown Current
1
10
µAT
A = +25°C
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
Commercial, –C
0
+70
°C
Extended, –E
–40
+85
°C
Storage Temperature
–65
+125
°C
Package
–A
Shrink (SSOP) small outline
–T
Wide (SOIC) small outline
–P
Narrow (PDIP) Plastic Dual-In-Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com