Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3221E Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP3221E
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3221E Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP3221E Datasheet HTML 9Page - Sipex Corporation SP3221E Datasheet HTML 10Page - Sipex Corporation SP3221E Datasheet HTML 11Page - Sipex Corporation SP3221E Datasheet HTML 12Page - Sipex Corporation SP3221E Datasheet HTML 13Page - Sipex Corporation SP3221E Datasheet HTML 14Page - Sipex Corporation SP3221E Datasheet HTML 15Page - Sipex Corporation SP3221E Datasheet HTML 16Page - Sipex Corporation SP3221E Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Date: 7/21/04
SP3221E +3.0V to +5.5V RS-232 Transceiver
© Copyright 2004 Sipex Corporation
Auto-Online Circuitry
The SP3221E device has an Auto-Online cir-
cuitry on board that saves power in the system
the device is designed into without changes to
the existing BIOS or operating system.
The SP3221E device incorporates an
Auto-Online circuit that automatically
enables itself when the cable is connected to
another RS232 device. Conversely, the Auto-
Online circuit also disables most of the internal
circuitry when the cable is disconnected and
goes into a standby mode where the device
typically draws 1
µA. This function is controlled
by the ONLINE pin. When this pin is tied to a
logic LOW, the Auto-Online function is active.
When the cable is disconnected, the receiver
inputs will be pulled down by its internal 5k
Ω
resistors to ground. When ONLINE is HIGH,
the Auto-Online mode is disabled.
When the SP3221E driver or internal charge
pump are disabled, the supply current is reduced
to 1
µA.
The Auto-Online mode can be overridden by the
SHUTDOWN pin. If this pin is a logic LOW,
the Auto-Online function will not operate
regardless of the logic state of the ONLINE pin.
Table 3 summarizes the logic of the Auto-Online
operating modes. The truth table logic of the driver
and receiver outputs can be found in Table 2.
The STATUS pin outputs a logic LOW signal
if the device is shutdown. This pin goes to a
logic HIGH when the external cable is connected
to another RS232 device.
When the SP3221E device is shutdown, the
charge pump is turned off. V+ charge pump
output decays to V
CC, the V- output decays to
GND. The decay time will depend on the size of
capacitors used for the charge pump. Once in
shutdown, the time required to exit the shut
down state and have valid V+ and V- levels is
typically 200
µs.
Tying ONLINE and SHUTDOWN together
will bypass the Auto-Online circuitry so this
connection acts like a shutdown input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com