Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3222EBCA/TR Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP3222EBCA/TR
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3222EBCA/TR Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP3222EBCA/TR Datasheet HTML 12Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 13Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 14Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 15Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 16Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 17Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 18Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 19Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 20Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Date:02/27/05
SP3222EB/3232EB True +3.0 to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
18
A
A2
A1
SIDE VIEW
Seating Plane
SYMBOL
MIN
NOM
MAX
A
2.35
-
2.65
A1
0.1
-
0.3
A2
2.05
-
2.55
b
0.31
-
0.51
c
0.2
-
0.33
D
E
E1
e
L
0.4
-
1.27
L1
L2
ø0º
-
8º
ø1
5º
-
15º
Note: Dimensions in (mm)
1.27 BSC
1.04 REF
0.25 BSC
16 Pin SOIC JEDEC MS-013 (AA) Variation
10.30 BSC
10.30 DSC
7.50 BSC
L1
L
Ø
Ø1
Ø1
Seating Plane
Gauge Plane
L2
VIEW C
TOP VIEW
e
E
E/2
E1
b
INDEX AREA
(D/2 X E1/2)
E1/2
D
1
2
3
B
B
SEE VIEW C
c
WITH PLATING
BASE METAL
b
SECTION B-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com