Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3222EBCA/TR Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP3222EBCA/TR
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3222EBCA/TR Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP3222EBCA/TR Datasheet HTML 12Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 13Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 14Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 15Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 16Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 17Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 18Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 19Page - Sipex Corporation SP3222EBCA/TR Datasheet HTML 20Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
Date: 02/27/05
SP3222EB/3232EB True +3.0 to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
Seating Plane
A2
A
A1
b
SEE DETAIL “A”
B
B
Seaing Plane
L1
L
Ø1
DETAIL A
Ø2
Ø3
C
b
Section B-B
E1
E
D
INDEX AREA
D
2
x
2
E1
12
e
SYMBOL
MIN
NOM
MAX
A-
-
1.2
A1
0.05
-
0.15
A2
0.8
1
1.05
b
0.19
-
0.3
c
0.09
-
0.2
D
4.9
5
5.1
E
E1
4.3
4.4
4.5
e
Ø1
0º
4º
8º
ø2
ø3
L
0.45
0.6
0.75
L1
Note: Dimensions in (mm)
16 Pin TSSOP JEDEC MO-153 (AB)
Variation
6.40 BSC
0.65 BSC
12º REF
12º REF
1.00 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com