Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP385ACA Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP385ACA
Description  3V to 5V RS-232 Line Driver/Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP385ACA Datasheet(HTML) 1 Page - Sipex Corporation

  SP385ACA Datasheet HTML 1Page - Sipex Corporation SP385ACA Datasheet HTML 2Page - Sipex Corporation SP385ACA Datasheet HTML 3Page - Sipex Corporation SP385ACA Datasheet HTML 4Page - Sipex Corporation SP385ACA Datasheet HTML 5Page - Sipex Corporation SP385ACA Datasheet HTML 6Page - Sipex Corporation SP385ACA Datasheet HTML 7Page - Sipex Corporation SP385ACA Datasheet HTML 8Page - Sipex Corporation SP385ACA Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
SP385ADS/05
SP385A Line Driver/Receiver
© Copyright 2000 Sipex Corporation
SP385A
+3V to +5V RS-232 Line Driver/Receiver
s Operates from 3.3V or 5V Power Supply
s Meets All EIA-232D and V.28 Specifica-
tions at 5V
s Meets EIA-562 Specifications at 3.3V
s Two Drivers and Receivers
s Operates with 0.1
µF to 10µF Capacitors
s High Data Rate — 120kbps Under Load
s Low Power Shutdown
≤1µA
s 3-State TTL/CMOS Receiver Outputs
s Low Power CMOS — 5mA Operation
DESCRIPTION…
The Sipex SP385A is an enhanced version of the Sipex SP200 family of RS232 line drivers/
receivers. The SP385A offers +3.3V operation for EIA-562 and EIA-232 applications. The
SP385A maintains the same performance features offered in its predecessors. The SP385A is
available in plastic SOIC or SSOP packages operating over the commercial and industrial
temperature ranges. The SP385A is pin compatible to the LTC1385 EIA-562 transceiver, except
the drivers in the SP385A can only be disabled with the ON/OFF pin.
R2
R1
T2
T1
TTL/CMOS INPUTS
RS232 OUTPUTS
TTL/CMOS OUTPUTS
RS232 INPUTS
CHARGE
PUMP
®


Similar Part No. - SP385ACA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP385ACA SIPEX-SP385ACA Datasheet
80Kb / 9P
3V to 5V RS-232 Line Driver/Receiver
More results

Similar Description - SP385ACA

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
RS-232 LINE DRIVER/RECEIVER
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
RS-232 LINE DRIVER/RECEIVER
logo
Sipex Corporation
SP385A SIPEX-SP385A Datasheet
80Kb / 9P
3V to 5V RS-232 Line Driver/Receiver
SP385E SIPEX-SP385E Datasheet
133Kb / 11P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385E-1 SIPEX-SP385E-1 Datasheet
98Kb / 11P
True 3V or 5V RS-232 Line Driver/Receiver
SP385E SIPEX-SP385E Datasheet
137Kb / 11P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385E SIPEX-SP385E_05 Datasheet
170Kb / 11P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
logo
Exar Corporation
SP385ECT-L EXAR-SP385ECT-L Datasheet
737Kb / 15P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385EEA-L-TR EXAR-SP385EEA-L-TR Datasheet
754Kb / 16P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com