Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP211BCT Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP211BCT
Description  5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP211BCT Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP211BCT Datasheet HTML 4Page - Sipex Corporation SP211BCT Datasheet HTML 5Page - Sipex Corporation SP211BCT Datasheet HTML 6Page - Sipex Corporation SP211BCT Datasheet HTML 7Page - Sipex Corporation SP211BCT Datasheet HTML 8Page - Sipex Corporation SP211BCT Datasheet HTML 9Page - Sipex Corporation SP211BCT Datasheet HTML 10Page - Sipex Corporation SP211BCT Datasheet HTML 11Page - Sipex Corporation SP211BCT Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
© Copyright 2000 Sipex Corporation
8
Figure 5. Charge Pump — Phase 4
VCC = +5V
+10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
SHUTDOWN MODE
The SP200, SP205, SP205B, SP206, SP206B,
SP207B, SP211, SP211B and SP213 all feature
a control input which will disable the device and
reduce the power supply current to less than
10
µA, making the parts ideal for battery–pow-
ered systems. In the “shutdown” mode the re-
ceivers and transmitters will both be tri–stated.
The V+ output of the charge pump will discharge
to V
CC, and the V
– output will discharge to
ground. Products with the WakeUp function can
enable or disable the receivers during shutdown.
For complete shutdown to occur and the 10
µA
power drain to be realized, the following condi-
tions must be met:
SP200, SP205/B, SP206/B, SP207B and SP211/B:
• +5V must be applied to the SD pin
• ENABLE must be either 0V, +5.0V or not
connected
• the transmitter inputs must be either +5.0V
or not connected
• V
CC must be +5V
• Receiver inputs must be >0V and <+5V
SP213:
• 0V must be applied to the SD pin
• ENABLE must be either 0V, +5.0V or not
connected
• the transmitter inputs must be either +5.0V
or not connected
• V
CC must be +5V
• Receiver inputs must be >0V and <+5V
WAKEUP FUNCTION
The SP205B, SP206B, SP207B, SP211B and
SP213 have a wake–up feature that keeps two or
more receivers in an enabled state when the
device is in the shutdown mode. The SP213 has
two receivers active (R
4 and R5), while the
SP205B, SP207B and SP211B have all receiv-
ers active during shutdown. With only the re-
ceivers active during shutdown, the devices
draw 5–10
µA of supply current.
ENABLE
The SP205/B, SP206/B, SP207/B, SP211 and
SP213 all feature an enable input, which allows
the receiver outputs to be either tri–stated or
enabled. This can be especially useful when the
receiver is tied directly to a microprocessor data
bus. For the SP205/B, SP206/B, SP207/B and
SP211, enable is active low; that is, 0V applied
to the ENABLE pin will enable the receiver
outputs. For the SP213, enable is active high;
that is, +5V applied to the ENABLE pin will
enable the receiver outputs.
SP213 Only
Power
Receiver
SD
EN
SD
EN
Up/Down
Outputs
00
11
Up
Enable
01
10
Up
Tri–state
10
01
Down
Enable
11
00
Down
Tri–state
Table 2. Wake–Up Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com