Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP211BCT Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP211BCT
Description  5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP211BCT Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP211BCT Datasheet HTML 7Page - Sipex Corporation SP211BCT Datasheet HTML 8Page - Sipex Corporation SP211BCT Datasheet HTML 9Page - Sipex Corporation SP211BCT Datasheet HTML 10Page - Sipex Corporation SP211BCT Datasheet HTML 11Page - Sipex Corporation SP211BCT Datasheet HTML 12Page - Sipex Corporation SP211BCT Datasheet HTML 13Page - Sipex Corporation SP211BCT Datasheet HTML 14Page - Sipex Corporation SP211BCT Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
© Copyright 2000 Sipex Corporation
TYPICAL APPLICATION CIRCUITS
T1 IN
+5V INPUT
400kOHM
T1 OUT
0.1µF
6.3V
VCC
T2 IN
400kOHM
T2 OUT
T3 IN
400kOHM
T3 OUT
T4 IN
400kOHM
T4 OUT
R1 OUT
R1 IN
EN
8
7
15
16
9
20
12
3
4
2
1
10
SP205
T1
T2
T3
T4
T5 IN
400kOHM
T5 OUT
22
19
T5
11
GND
R2 OUT
R2 IN
65
R3 OUT
R3 IN
23
24
R2
R3
5kOHM
5kOHM
5kOHM
R4 OUT
R4IN
17
18
R4
5kOHM
R5 OUT
R5 IN
14
13
R5
5kOHM
SD
21
R1
T1 IN
+5V INPUT
400kOHM
T1 OUT
0.1µF
6.3V
0.1µF
6.3V
0.1µF
16V
0.1µF
16V
0.1µF
6.3V
+
+
+
+
C1 +
C1 –
C2 +
C2 –
V +
V –
VCC
T2 IN
400kOHM
T2 OUT
T3 IN
400kOHM
T3 OUT
T4 IN
400kOHM
T4 OUT
T5 IN
400kOHM
T5 OUT
NC
SD
8
10
11
12
5
4
14
15
19
18
7
9
13
2
3
1
20
16
17
SP200
T1
T2
T3
T4
T5
6
GND
T1 IN
+5V INPUT
400kOHM
T1 OUT
0.1µF
6.3V
0.1µF
6.3V
0.1µF
16V
0.1µF
16V
0.1µF
6.3V
+
+
+
+
C1 +
C1 –
C2 +
C2 –
V +
V –
VCC
T2 IN
400kOHM
T2 OUT
T3 IN
400kOHM
T3 OUT
T4 IN
400kOHM
T4 OUT
7
9
10
11
4
3
13
14
6
8
12
1
2
16
15
SP204
T1
T2
T3
T4
5
GND
T1 IN
+5V INPUT
400kOHM
T1 OUT
0.1µF
6.3V
VCC
T2 IN
400kOHM
T2 OUT
T3 IN
400kOHM
T3 OUT
T4 IN
400kOHM
T4 OUT
R1 OUT*
R1 IN*
EN
8
7
15
16
9
20
12
3
4
2
1
10
SP205B
T1
T2
T3
T4
T5 IN
400kOHM
T5 OUT
22
19
T5
11
GND
R2 OUT*
R2 IN*
65
R3 OUT*
R3 IN*
23
24
R2
R3
5kOHM
5kOHM
5kOHM
R4 OUT*
R4IN*
17
18
R4
5kOHM
R5 OUT*
*Receivers active during shutdown
R5 IN*
14
13
R5
5kOHM
SD
21
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com