Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP502CF Datasheet(PDF) 30 Page - Sipex Corporation

Part # SP502CF
Description  Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP502CF Datasheet(HTML) 30 Page - Sipex Corporation

Back Button SP502CF Datasheet HTML 24Page - Sipex Corporation SP502CF Datasheet HTML 25Page - Sipex Corporation SP502CF Datasheet HTML 26Page - Sipex Corporation SP502CF Datasheet HTML 27Page - Sipex Corporation SP502CF Datasheet HTML 28Page - Sipex Corporation SP502CF Datasheet HTML 29Page - Sipex Corporation SP502CF Datasheet HTML 30Page - Sipex Corporation SP502CF Datasheet HTML 31Page - Sipex Corporation SP502CF Datasheet HTML 32Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Rev. 7/21/03
SP502 Multi-Mode Serial Transceiver
© Copyright 2003 Sipex Corporation
30
PACKAGE: 80 PIN MQFP
80 PIN MQFP (MS-022 BC)
b
e
Seating
Plane
A1
A
A
L1
5°-16°
0° MIN.
0°–7°
5°-16°
L
A2
0.30" RAD. TYP.
0.20" RAD. TYP.
c
PIN 1
E1
D1
D
CL
E
CL
D2
E2
DIMENSIONS
Minimum/Maximum
(mm)
SYMBOL
A
A1
A2
b
D
D1
D2
E
E1
E2
e
N
80–PIN MQFP
JEDEC MS-22
(BEC) Variation
MIN
NOM
MAX
2.45
0.00
0.25
1.80
2.00
2.20
0.22
0.40
17.20 BSC
14.00 BSC
12.35 REF
17.20 BSC
14.00 BSC
12.35 REF
0.65 BSC
80
COMMON DIMENTIONS
SYMBL MIN
NOM
MAX
c0.11
23.00
L0.73
0.88
1.03
L1
1.60 BASIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com